Electronic Components Datasheet Search
  English  ▼

X  

BA6810F Datasheet(PDF) 6 Page - Rohm

Part # BA6810F
Description  Fluorescent display tube level meter driver, 12-point x 2 channel, VU scale, bar display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6810F Datasheet(HTML) 6 Page - Rohm

  BA6810F Datasheet HTML 1Page - Rohm BA6810F Datasheet HTML 2Page - Rohm BA6810F Datasheet HTML 3Page - Rohm BA6810F Datasheet HTML 4Page - Rohm BA6810F Datasheet HTML 5Page - Rohm BA6810F Datasheet HTML 6Page - Rohm BA6810F Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
795
Audio ICs
BA6810F
FCircuit operation
(1)
Input block
The AC input pins are pins 23 and 25, and the DC input
pins are pins 27 and 28. Pin 2 is used to switch between
the AC and DC inputs. When the input to pin 2 is “H”, AC
input is selected (pins 23 and 25). Therefore, by using pin
2 to switch between the AC and DC modes, the IC can
do two jobs, using one fluorescent tube. For example,
pins 23 and 25 can be used for audio signal input, and
pins 27 and 28 can be used as the input for the signal me-
ter output from a tuner (DC).
(2)
Peak hold circuit
The BA6810F features a peak hold circuit that temporari-
ly holds peak signal levels in AC input mode.
The peak hold function can be used with the upper 8
points (5 to 12). The peak hold time depends on the oscil-
lator frequency. It is 2 sec. (typ.) for an oscillator frequen-
cy of 2kHz.
(3)
MUTE function
The display can be turned off by driving the MUTE termi-
nal “H”.
(4)
Meter sensitivity adjustment terminal
Connect a potentiometer of about 10k
Ω, and adjust it so
that the 8th point lights when the for an AC input of
400mVrms. The dispersion between left and right chan-
nels is
"1.0dB.
(5)
Grid output
The pin 6 and 7 grid outputs are open-collector NPN tran-
sistors. The logic is active low (the fluorescent tube lights
when the output is “L”), so connect two PNP transistors
Q1 and Q2 as shown in the application example circuit to
drive the fluorescent tubes (see Fig. 4).
(6)
Segment output block
Pins 8 to 19 are the segment outputs. The output circuits
are open-collector PNP transistors. When grid 1 is “L”,
the ch1 level is output (pin 23 or 27 input level), and when
grid 2 is “L”, the ch2 level is output (pin 25 or 28 input lev-
el). Refer to Fig. 5.
(7)
Grid and segment output timing chart.
The grid and segment output timing is shown in Fig. 6.
(8)
Attack and recovery times
The output response characteristic for AC input signals
is set by pins 24 and 26. The comparator level may
change somewhat due to the sag of the CR circuit dis-
charge.
(9)
Oscillator frequency
The resistor and capacitor connected to pin 21 determine
the oscillator frequency. The oscillator frequency (fosc)
and grid output period (T) are related as follows:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com