Electronic Components Datasheet Search
  English  ▼

X  

BA6819AF Datasheet(PDF) 4 Page - Rohm

Part # BA6819AF
Description  2-phase half-wave motor driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6819AF Datasheet(HTML) 4 Page - Rohm

  BA6819AF Datasheet HTML 1Page - Rohm BA6819AF Datasheet HTML 2Page - Rohm BA6819AF Datasheet HTML 3Page - Rohm BA6819AF Datasheet HTML 4Page - Rohm BA6819AF Datasheet HTML 5Page - Rohm BA6819AF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
709
Motor driver ICs
BA6809F / BA6819AF
FCircuit operation
The BA6809F and BA6819AF have motor lock detection
and automatic restart circuits. The timing of lock detec-
tion and automatic restart is determined by the external
capacitor connected to the LD pin. The charge time of the
external capacitor is given by :
(Typical value)
where
VLDCL is the LD-pin clamp voltage
(1.90V),
VLDCP is the LD-pin comparator voltage
(0.73V),
ILDC is the LD-pin charge current
(2.2
µA),
ILDD is the LD-pin discharge current
(0.42
µA),
C is the capacitance of the LD-pin external capacitor.
For C=0.47
µF, for example, the charge and discharge
times are 0.25s (output ON) and 1.31s (output OFF), re-
spectively.
FApplication example
ILDC
ton (Charge time)=
C
S (VLDCL*VLDCP)
ILDD
toff (Discharge time)=
C
S (VLDCL*VLDCP)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com