Electronic Components Datasheet Search
  English  ▼

X  

BA6811F Datasheet(PDF) 6 Page - Rohm

Part # BA6811F
Description  Fan motor driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6811F Datasheet(HTML) 6 Page - Rohm

  BA6811F Datasheet HTML 1Page - Rohm BA6811F Datasheet HTML 2Page - Rohm BA6811F Datasheet HTML 3Page - Rohm BA6811F Datasheet HTML 4Page - Rohm BA6811F Datasheet HTML 5Page - Rohm BA6811F Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
717
Motor driver ICs
BA6811F / BA6813F
(3)Hall amplifier input voltage
The R1 and R2 resistances must be set so as to maintain
the Hall amplifier input bias voltage within the range of 0V
to (VCC
*2.8V) including the signal amplitude.
The Hall device may be affected by power supply noise
due to the PCB conductor pattern. If you have this prob-
lem, insert a capacitor C1 as shown in Fig. 5.
If the conductor lines from the Hall device output termi-
nals to the Hall inputs of the IC are particularly long, noise
can be picked up and fed into the inputs. If you have this
problem, insert a capacitor C2 as shown in Fig. 5. Note
that the Hall inputs have no hysteresis in this IC.
Hall current is given by :
where RH is the Hall device impedance.
FExternal dimensions (Units: mm)
R1
)R2)RH
VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com