Electronic Components Datasheet Search
  English  ▼

X  

BA6840BFS Datasheet(PDF) 7 Page - Rohm

Part # BA6840BFS
Description  3-phase motor driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6840BFS Datasheet(HTML) 7 Page - Rohm

  BA6840BFS Datasheet HTML 1Page - Rohm BA6840BFS Datasheet HTML 2Page - Rohm BA6840BFS Datasheet HTML 3Page - Rohm BA6840BFS Datasheet HTML 4Page - Rohm BA6840BFS Datasheet HTML 5Page - Rohm BA6840BFS Datasheet HTML 6Page - Rohm BA6840BFS Datasheet HTML 7Page - Rohm BA6840BFS Datasheet HTML 8Page - Rohm BA6840BFS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
529
Motor driver ICs
BA6840BFS / BA6840BFP-Y / BA6840BFP / BA6842BFS
FOperation notes
(1)
Start / stop
The I / O equivalent circuit of the start / stop pin is shown
in Fig. 7. The pin has a temperature dependence of
*7mV / _C, and the resistance can vary ±30%. Take the
temperature effect into consideration when designing
your application.
(2)
Hall input
The Hall input equivalent circuit is shown in Fig. 12. The
Hall devices can be connected in either series or parallel.
(3)
Thermal shutdown circuit (TSD)
The circuit puts the coil outputs (A1, A2, and A3) to the
open state at the temperature of 175
_C (typical). There
is a temperature difference of about 15
_C between the
temperatures at which the circuit is activated and deacti-
vated.
(4)
Torque control input
(6)
Hall input (H1), H1*, H2), H2*, H3), H3*)
(5)
Coil output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com