Electronic Components Datasheet Search
  English  ▼

X  

BA6852FP Datasheet(PDF) 9 Page - Rohm

Part # BA6852FP
Description  Spindle and loading motor driver for PD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6852FP Datasheet(HTML) 9 Page - Rohm

Back Button BA6852FP Datasheet HTML 5Page - Rohm BA6852FP Datasheet HTML 6Page - Rohm BA6852FP Datasheet HTML 7Page - Rohm BA6852FP Datasheet HTML 8Page - Rohm BA6852FP Datasheet HTML 9Page - Rohm BA6852FP Datasheet HTML 10Page - Rohm BA6852FP Datasheet HTML 11Page - Rohm BA6852FP Datasheet HTML 12Page - Rohm BA6852FP Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
800
Motor driver ICs
BA6852FP
VSWL : FGSW pin voltage range when
the hall input and FG output are
as per the table below.
VFGH : Voltmeter V1 value
(Input / output table, condition 2)
IFG =
*10µA
FGSW = 0V
VFGL : Voltmeter V1 value
(Input / output table, condition 1)
IFG = 3mA
FGSW = 0V
VSWH : FGSW pin voltage range when
the hall input and FG output are
as per the table below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com