Electronic Components Datasheet Search
  English  ▼

X  

BA6849FS Datasheet(PDF) 11 Page - Rohm

Part # BA6849FS
Description  3-phase motor driver for CD-ROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6849FS Datasheet(HTML) 11 Page - Rohm

Back Button BA6849FS Datasheet HTML 4Page - Rohm BA6849FS Datasheet HTML 5Page - Rohm BA6849FS Datasheet HTML 6Page - Rohm BA6849FS Datasheet HTML 7Page - Rohm BA6849FS Datasheet HTML 8Page - Rohm BA6849FS Datasheet HTML 9Page - Rohm BA6849FS Datasheet HTML 10Page - Rohm BA6849FS Datasheet HTML 11Page - Rohm BA6849FS Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
873
Motor driver ICs
BA6849FP / BA6849FP-Y / BA6849FM / BA6849FS
FOperation notes
(1)
Power save
The power save input is an I / O circuit like the own
shown in Fig.1.
The thermal derating characteristics of the power save
pin is –8mV /
_C, and the resistance will fluctuate be-
tween
±30% so be careful of the input voltage range.
(2)
Hall input
The input circuit shown in Fig.4 is used for the Hall inputs.
The Hall elements can be connected either in series or
in parallel.
(3)
Thermal shutdown (TSD)
When the junction temperature reaches 175
_C, the A1,
A2, and A3 coil outputs go open circuit. The thermal shut-
down has approximately 15
_C of hysteresis.
FElectrical characteristics curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com