Electronic Components Datasheet Search
  English  ▼

X  

BA6858AFM Datasheet(PDF) 13 Page - Rohm

Part # BA6858AFM
Description  Three-phase motor driver for CD-ROMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6858AFM Datasheet(HTML) 13 Page - Rohm

Back Button BA6858AFM Datasheet HTML 7Page - Rohm BA6858AFM Datasheet HTML 8Page - Rohm BA6858AFM Datasheet HTML 9Page - Rohm BA6858AFM Datasheet HTML 10Page - Rohm BA6858AFM Datasheet HTML 11Page - Rohm BA6858AFM Datasheet HTML 12Page - Rohm BA6858AFM Datasheet HTML 13Page - Rohm BA6858AFM Datasheet HTML 14Page - Rohm BA6858AFM Datasheet HTML 15Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
860
Mt
d i
IC
BA6858AFP / BA6858AFM / BA6859AFP /
Motor driver ICs
BA6859AFP-Y / BA6859AFM / BA6859AFS
FOperation notes
(1)
Torque command
When operating with ECR = 2.5V, the voltage range for the
torque command input is 0.5V to 3.3V, and therefore, the
characteristic will be unbalanced as shown in Fig.15.
Take due care.
(2)
Switches
The switches have a temperature characteristic of
approximately –5mV /
_C. Take care with regard to the
input voltage range.
(3)
Hall input
The input circuit shown in Fig.4 is used for the Hall inputs.
The Hall elements can be connected either in series or in parallel.
Set the Hall input voltage in the range 1.0V to 4.0V.
Set the resistance values between VH and VCC pins and the Hall elements after calculating the current to flow in Hall
elements.
If there will not be a resistor connected between the Hall elements and the VH pin, we recommend that IVH = 5mA or more.
(4)
Thermal shutdown (TSD)
When the junction temperature reaches 175
_C (Typ.), the A1, A2, and A3 coil outputs go open circuit.
The thermal shutdown has approximately 15
_C (Typ.) of hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com