Electronic Components Datasheet Search
  English  ▼

X  

BA6859AFP Datasheet(PDF) 12 Page - Rohm

Part # BA6859AFP
Description  Three-phase motor driver for CD-ROMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6859AFP Datasheet(HTML) 12 Page - Rohm

Back Button BA6859AFP Datasheet HTML 7Page - Rohm BA6859AFP Datasheet HTML 8Page - Rohm BA6859AFP Datasheet HTML 9Page - Rohm BA6859AFP Datasheet HTML 10Page - Rohm BA6859AFP Datasheet HTML 11Page - Rohm BA6859AFP Datasheet HTML 12Page - Rohm BA6859AFP Datasheet HTML 13Page - Rohm BA6859AFP Datasheet HTML 14Page - Rohm BA6859AFP Datasheet HTML 15Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
859
Mt
d i
IC
BA6858AFP / BA6858AFM / BA6859AFP /
Motor driver ICs
BA6859AFP-Y / BA6859AFM / BA6859AFS
(4)
Short brake
When 2.5V or more is applied to the short brake pin, the
top-side output transistors of all phases go off, and the
bottom-side output transistors go on. This applies brak-
ing to the motor. Short braking operates regardless of the
torque command signal.
(5)
Brake mode switching
When 2.5V or more is applied to the BR pin, the brake
mode for when EC > ECR can be changed.
(6)
Power save
When 2.5V or more is applied to the power save pin, all
circuits are on. When 1.0V or less is applied, the IC en-
ters power save mode, and functions only for surpressing
power consumption.
FApplication example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com