Electronic Components Datasheet Search
  English  ▼

X  

BA6897 Datasheet(PDF) 11 Page - Rohm

Part # BA6897
Description  4-channel BTL driver for CD players
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6897 Datasheet(HTML) 11 Page - Rohm

Back Button BA6897 Datasheet HTML 4Page - Rohm BA6897 Datasheet HTML 5Page - Rohm BA6897 Datasheet HTML 6Page - Rohm BA6897 Datasheet HTML 7Page - Rohm BA6897 Datasheet HTML 8Page - Rohm BA6897 Datasheet HTML 9Page - Rohm BA6897 Datasheet HTML 10Page - Rohm BA6897 Datasheet HTML 11Page - Rohm BA6897 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
401
Optical disc ICs
BA6897S/BA6897FP
FOperation notes
(1)
The BA6897S and BA6897FP have an internal
thermal shutdown circuit. Output current is muted when
the chip temperature exceeds 175
_C (typically).
(2)
If the mute pin voltage is opened or lowered below
0.5V, the output current will be muted. The mute pin
should be pulled up above 2.0V during normal use.
(3)
The bias pin is muted when lowered below 1.4V
(typically). Make sure it stays above 1.6V during normal
use.
(4)
Muting occurs during thermal shutdown, mute-on
operations or a drop in the bias pin voltage or supply volt-
age. In each case, only the drivers are muted. During
muting, the output pins remain at the internal bias volt-
age, roughly (VCC–VF)/2.
(5)
Be sure to connect the IC to a 0.1
µF bypass capaci-
tor to the power supply, at the base of the IC.
(6)
The radiating fin is connected to the packages inter-
nal GND, but should also be connected to an external
ground.
(7)
The capacitor between regulator output (pin 6) and
GND also serves to prevent oscillation of the IC, so select
one with good temperature characteristics.
FElectrical characteristic curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com