Electronic Components Datasheet Search
  English  ▼

X  

BA6995FP Datasheet(PDF) 1 Page - Rohm

Part # BA6995FP
Description  5-channel BTL driver for CD players
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6995FP Datasheet(HTML) 1 Page - Rohm

  BA6995FP Datasheet HTML 1Page - Rohm BA6995FP Datasheet HTML 2Page - Rohm BA6995FP Datasheet HTML 3Page - Rohm BA6995FP Datasheet HTML 4Page - Rohm BA6995FP Datasheet HTML 5Page - Rohm BA6995FP Datasheet HTML 6Page - Rohm BA6995FP Datasheet HTML 7Page - Rohm BA6995FP Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
494
Optical disc ICs
5-channel BTL driver for CD players
BA6995FP
The BA6995FP is 5-channel BTL driver for CD and MD player actuators and spindle, thread and loading motors. The
spindle driver and loading driver share a single buffer, and either can be driven via the control pin.
FApplications
CD, MD players and other optical disc applications
FFeatures
1) 28-pin HSOP package allows for miniaturization of
applications.
2) Gain is adjustable with a single attached resistor.
3) Wide dynamic range (5 or 4V when VCC=8V)
4) Adaptable for low-voltage servos.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA6995FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA6993 ETC2-BA6993 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Rohm
BA6996 ROHM-BA6996 Datasheet
176Kb / 11P
5-channel BTL driver for CD and MD Players
BA6996FP ROHM-BA6996FP Datasheet
176Kb / 11P
5-channel BTL driver for CD and MD Players
BA6997 ROHM-BA6997 Datasheet
119Kb / 7P
4-channel BTL driver for CD players
BA6997FM ROHM-BA6997FM Datasheet
119Kb / 7P
4-channel BTL driver for CD players
More results

Similar Description - BA6995FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5912AFP-Y ROHM-BA5912AFP-Y Datasheet
127Kb / 8P
2-channel BTL driver for CD players
BA6195FP-Y ROHM-BA6195FP-Y Datasheet
163Kb / 12P
1-channel BTL driver for CD players
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
4-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
4-channel BTL driver for CD players
BA6395AFP ROHM-BA6395AFP Datasheet
186Kb / 10P
5-channel BTL driver for CD players
BA6795FP ROHM-BA6795FP Datasheet
204Kb / 11P
5-channel BTL driver for CD players
BA6796FP ROHM-BA6796FP Datasheet
214Kb / 11P
5-channel BTL driver for CD players
BA6996FP ROHM-BA6996FP Datasheet
176Kb / 11P
5-channel BTL driver for CD and MD Players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
4-channel BTL driver for CD players
logo
Hitachi Semiconductor
HA13143 HITACHI-HA13143 Datasheet
42Kb / 7P
Four-Channel BTL Driver for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com