Electronic Components Datasheet Search
  English  ▼

X  

BA7149 Datasheet(PDF) 2 Page - Rohm

Part # BA7149
Description  Electronic viewfinder driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7149 Datasheet(HTML) 2 Page - Rohm

  BA7149 Datasheet HTML 1Page - Rohm BA7149 Datasheet HTML 2Page - Rohm BA7149 Datasheet HTML 3Page - Rohm BA7149 Datasheet HTML 4Page - Rohm BA7149 Datasheet HTML 5Page - Rohm BA7149 Datasheet HTML 6Page - Rohm BA7149 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Video ICs
BA7149F
•Pin descriptions
Function
Function
19
210
311
412
513
614
715
816
Pin No.
Pin No.
Vertical control input
Power supply 1
Vertical deflection drive (POS)
GND 1
Vertical deflection drive (NEG)
Vertical oscillator external resistor
Vertical oscillator external capacitor
VD output
HD output
GND 2
Video input
Power supply 2
Video output
Phase comparator output
Horizontal oscillator external resistor
Horizontal AFC output
•Block diagram
16
15
14
13
12
11
10
9
12345678
H.OSC
PHASE
COMP
6dB
AMP
V.SEPA
V.OSC
V.DRIVE
V.BLK
H.BLK
SYNC
SEPA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com