Electronic Components Datasheet Search
  English  ▼

X  

BA7602F Datasheet(PDF) 3 Page - Rohm

Part # BA7602F
Description  Video signal switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7602F Datasheet(HTML) 3 Page - Rohm

  BA7602F Datasheet HTML 1Page - Rohm BA7602F Datasheet HTML 2Page - Rohm BA7602F Datasheet HTML 3Page - Rohm BA7602F Datasheet HTML 4Page - Rohm BA7602F Datasheet HTML 5Page - Rohm BA7602F Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Multimedia ICs
BA7602 / BA7602F
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCC
4.5
5.0
5.5
V
—
ICC
—
14.0
20.5
mA
—
2.8
3.1
—
VP-P
GV
– 0.5
0
CT
—
– 65
—
Gf
– 3
0
dB
ZIN
14
20
26
k
Ω
—
VTH
20
2.5
3.0
V
—
dB
dB
f = 1kHz, THD = 0.5%
f = 1MHz, VIN= 1VP-P
f = 4.43MHz, VIN = 1VP-P
10MHz / 1MHz, VIN = 1VP-P
0.5
1
Vom
Operating voltage
Supply current
Maximum output level
Voltage gain
Interchannel crosstalk
Frequency characteristic
Input impedance
CTL pin switch level
Note: Refer to the measurement circuit given in Fig. 1.
•Reference data
Pin DC voltages (reference values)
Pin No.
DC voltage
DC voltage
Pin No.
1
3.27
9
3.27
2
4.91
10
0
3
1.84
11
3.27
4
0
12
4.91
5
1.84
13
5.00
6
1.84
14
3.27
7
4.91
15
0
8
3.27
16
3.27
Units: Vdc
Parameter
—
20k
—
Ω
—30
—
Ω
Min.
Typ.
Max.
Unit
The input coupling capacitor values should be 0.1
µF to 1µF.
Input impedance (no clamp)
Output impedance
Electrical characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com