Electronic Components Datasheet Search
  English  ▼

X  

BA7622F Datasheet(PDF) 3 Page - Rohm

Part # BA7622F
Description  75??driver IC with 3 internal circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7622F Datasheet(HTML) 3 Page - Rohm

  BA7622F Datasheet HTML 1Page - Rohm BA7622F Datasheet HTML 2Page - Rohm BA7622F Datasheet HTML 3Page - Rohm BA7622F Datasheet HTML 4Page - Rohm BA7622F Datasheet HTML 5Page - Rohm BA7622F Datasheet HTML 6Page - Rohm BA7622F Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Multimedia ICs
BA7622F
•Electrical characteristics (unless otherwise noted, Ta = 25°C and VCC = 5V, and load is two system drive)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
4.5
5.0
5.5
V
—mA
Vom
—
—
—
Gv
0
dB
Gf
– 3
0
dB
DG1
—
0.4
1.0
%
DP1
—
0.4
1.0
DG2
—
0.7
2.0
%
DP2
—
0.7
2.0
CT
—
– 60
—
dB
—
0.1
0.5
%
ZIN3
17
20
23
2.8
– 1.2
23.6
3.3
– 0.6
35.4
1.3
deg
deg
VCC
ICC
VP-P
k
Ω
THD32
Operating voltage
Circuit current
Maximum output level
Voltage gain
Frequency characteristics
Differential gain 75
Ω drive 1
Differential phase 75
Ω drive 1
Differential gain 75
Ω drive 2
Differential phase 75
Ω drive 2
Interchannel crosstalk
Input impedance (VIN3)
Total-harmonic distortion (VIN3)
No signal
f = 1kHz, THD = 1.0%
f = 1MHz, VIN = 2.0VP-P
10MHz / 1MHz, VIN = 1.0VP-P
VIN = 2.0VP-P, standard staircase signal
VIN = 2.0VP-P, standard staircase signal
VIN = 2.0VP-P, standard staircase signal
VIN = 2.0VP-P, standard staircase signal
f = 4.43MHz, VIN = 2.0VP-P
f = 1kHz, VIN = 1.0VP-P
•Input / output circuits
VCC
20k
6, 7, 8
OUT1, 2, 3
VCC
100
µA
IN1, 2
2, 3
VCC
100
µA
IN3
4
20k
10k



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com