Electronic Components Datasheet Search
  English  ▼

X  

BA7623F Datasheet(PDF) 6 Page - Rohm

Part # BA7623F
Description  75??driver IC with 3 internal circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7623F Datasheet(HTML) 6 Page - Rohm

  BA7623F Datasheet HTML 1Page - Rohm BA7623F Datasheet HTML 2Page - Rohm BA7623F Datasheet HTML 3Page - Rohm BA7623F Datasheet HTML 4Page - Rohm BA7623F Datasheet HTML 5Page - Rohm BA7623F Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Multimedia ICs
BA7623F
•Electrical characteristic curves
FREQUENCY: f (Hz)
20
0
– 20
– 40
100k
1M
10M
100M
20
0
20
40
100k
1M
10M
100M
Fig. 3 Frequency characteristic
FREQUENCY: f (Hz)
0
– 20
– 40
– 60
– 80
100k
10M
100M
1M
Fig. 4 Crosstalk
•External dimensions (Units: mm)
SOP8
0.4
± 0.1
1.27
0.15
0.3Min.
5.0
± 0.2
85
4
1
•Operation notes
(1) The input signals are signals such as composite video signals, or component video (RGB) signals.
(2) When using direct coupling, keep the input signals in the range: 0.5V to 3.8V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com