Electronic Components Datasheet Search
  English  ▼

X  

BA7630S Datasheet(PDF) 6 Page - Rohm

Part # BA7630S
Description  Video switch for CANAL-Plus decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7630S Datasheet(HTML) 6 Page - Rohm

Back Button BA7630S Datasheet HTML 2Page - Rohm BA7630S Datasheet HTML 3Page - Rohm BA7630S Datasheet HTML 4Page - Rohm BA7630S Datasheet HTML 5Page - Rohm BA7630S Datasheet HTML 6Page - Rohm BA7630S Datasheet HTML 7Page - Rohm BA7630S Datasheet HTML 8Page - Rohm BA7630S Datasheet HTML 9Page - Rohm BA7630S Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Multimedia ICs
BA7630S / BA7630F
BA7630S
12
13
BUFF
BIAS
BUFF
BUFF
LOGIC
6dB
AMP
6dB
AMP
CONTROL
LOGIC
SHIFT
REGISTER
SW3
SW4
SW12
SW2
SW1
SW12
SW4
SW3
SW2
SW1
SW1
SW2
SW3
CL
CL
CL
RL
RL
RL
12V
LATCHES
14
15
16
17
18
19
20
21
22
11
10
9
8
7
6
5
4
3
2
1
VCC = 5.0V
47
µ
12V
PG
50
Ω
PG
PG
50
Ω
50
Ω
RL
CL
SW9
RL
CL
SW8
RL
CL
SW7
RL
CL
SW6
RL
CL
SW5
RL
CL
SW4
Fig.3
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com