Electronic Components Datasheet Search
  English  ▼

X  

BA7632 Datasheet(PDF) 1 Page - Rohm

Part # BA7632
Description  Video switch for CANAL-Plus decoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7632 Datasheet(HTML) 1 Page - Rohm

  BA7632 Datasheet HTML 1Page - Rohm BA7632 Datasheet HTML 2Page - Rohm BA7632 Datasheet HTML 3Page - Rohm BA7632 Datasheet HTML 4Page - Rohm BA7632 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Multimedia ICs
Video switch for CANAL-Plus decoder
BA7632AF
The BA7632AF is an audio-switching ICs for decoders for scrambled pay channels used in France and other con-
tries. The ICs include a five-input multiplexer, a four-input multiplexer and a two-input multiplexer, and allow decoder
audio switching to be done with a single IC. When used in combination with the BA7630S common logic control can
be used for audio and video switching.
The BA7632AF has larger termination resistors on the inputs than the BA7631 and BA7631F.
•Applications
Video cassette recorders
•Features
1) All the audio-switching functions required for SECAM
CANNAL-plus decoder integrated onto one chip.
2) Inputs terminated with 140k
Ω resistors.
3) Built-in output buffer.
4) Wide supply voltage range (4.5V to 13.0V).
5) Low total harmonic distortion (Max. 0.005% Typ.).
6) Wide dynamic range (3.6Vrms, VCC = 12V).
7) Same control logic as for the BA7630S can be used.
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
13.5
V
Pd
500∗
mV
Topr
°C
Tstg
°C
– 25 ~ + 70
– 55 ~ + 125
Applied voltage
Power dissipation
Operating temperature
Storage temperature
∗ Reduced by 5mW for each increase in Ta of 1°C over 25°C.
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
4.5 ~ 13.0
V
Power supply voltage


Similar Part No. - BA7632

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7630F ROHM-BA7630F Datasheet
170Kb / 12P
Video switch for CANAL-Plus decoder
BA7630S ROHM-BA7630S Datasheet
170Kb / 12P
Video switch for CANAL-Plus decoder
BA7631 ROHM-BA7631 Datasheet
75Kb / 7P
Video switch for CANAL-Plus decoder
BA7631F ROHM-BA7631F Datasheet
75Kb / 7P
Video switch for CANAL-Plus decoder
More results

Similar Description - BA7632

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7630S ROHM-BA7630S Datasheet
170Kb / 12P
Video switch for CANAL-Plus decoder
BA7631 ROHM-BA7631 Datasheet
75Kb / 7P
Video switch for CANAL-Plus decoder
BH7634AS ROHM-BH7634AS Datasheet
245Kb / 12P
Audio / video switch for CANAL - Plus decoder
logo
Hynix Semiconductor
GDC21D401B HYNIX-GDC21D401B Datasheet
694Kb / 28P
Video Decoder
logo
List of Unclassifed Man...
BH7636S ETC-BH7636S Datasheet
252Kb / 2P
Video Switch for Canal
logo
Mitsubishi Electric Sem...
MM1422 MITSUBISHI-MM1422 Datasheet
312Kb / 13P
AV Switch for I2C BUS Control, 4-input, 3-output and Canal Plus Compatible
logo
List of Unclassifed Man...
L64105 ETC1-L64105 Datasheet
4Mb / 454P
AUDIO/VIDEO DECODER
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
Video Decoder
logo
Intersil Corporation
TW2865-LA3-GR INTERSIL-TW2865-LA3-GR Datasheet
464Kb / 2P
4-Channel Video Decoder and Audio Codec plus Video Encoder for Security Applications
logo
Renesas Technology Corp
TW2802 RENESAS-TW2802 Datasheet
2Mb / 81P
Multiple Video Decoder for Security Applications
May 19, 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com