Electronic Components Datasheet Search
  English  ▼

X  

BA7644AN Datasheet(PDF) 5 Page - Rohm

Part # BA7644AN
Description  Video signal switcher
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7644AN Datasheet(HTML) 5 Page - Rohm

  BA7644AN Datasheet HTML 1Page - Rohm BA7644AN Datasheet HTML 2Page - Rohm BA7644AN Datasheet HTML 3Page - Rohm BA7644AN Datasheet HTML 4Page - Rohm BA7644AN Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Multimedia ICs
BA7644AN
•Electrical characteristic curves
INPUT VOLTAGE: VIN (VP-P)
10
9
8
7
6
5
4
3
2
1
0
012
3
4
5
6
7
8
9
10
VCC = 12V
VCC = 9V
VCC = 5V
Fig. 2 VIN vs. VOUT (f = 1kHz)
•External dimensions (Units: mm)
SIP10
2.8
± 0.2
25.2
± 0.2
0.6
1.3
10
2.54
1
0.3
± 0.1
0.8
FREQUENCY: f (Hz)
– 4
100k
300k
1M
3M
10M
30M
100M
– 2
2
0
4
Fig. 3 Frequency characteristics
FREQUENCY: f (Hz)
– 80
100k
300k
1M
3M
10M
30M
100M
– 60
– 40
– 20
0
20
Fig. 4 Interchannel crosstalk



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com