Electronic Components Datasheet Search
  English  ▼

X  

BA7655AF Datasheet(PDF) 4 Page - Rohm

Part # BA7655AF
Description  Dual Voltage-controlled Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7655AF Datasheet(HTML) 4 Page - Rohm

  BA7655AF Datasheet HTML 1Page - Rohm BA7655AF Datasheet HTML 2Page - Rohm BA7655AF Datasheet HTML 3Page - Rohm BA7655AF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Multimedia ICs
BA7655A / BA7655AF
•Electrical characteristic curves
1M
10M
100M
10.0
8.0
6.0
4.0
2.0
0.0
100K
– 2.0
– 4.0
– 6.0
– 10.0
– 8.0
CONTROL VOLTAGE = 5V
CONTROL VOLTAGE = 3V
CONTROL VOLTAGE = 2V
VCC = 5V
VIN = 0.5VP-P
FREQUENCY :
∆f (Hz)
Fig. 3 Voltage gain vs.
frequency
7
6.5
6
5.5
5
0
255075
100
– 25
– 50
AMBIENT TEMPERATURE : Ta (
°C)
VCC = 5V
Fig. 4 Maximum voltage gain vs.
ambient temperature
1
0.5
0
0
255075
100
– 0.5
– 1
– 50
– 25
AMBIENT TEMPERATURE : Ta (
°C)
VCC = 5V
Fig. 5 Voltage gain vs.
temperature
0
255075
100
– 5
– 5.5
– 6
– 6.5
–7
– 50
– 25
AMBIENT TEMPERATURE : Ta (
°C)
VCC = 5V
Fig. 6 Minimum voltage gain vs.
temperature
•External dimensions (Units: mm)
BA7655A
BA7655AF
DIP8
SOP8
0.5
± 0.1
85
14
9.3
± 0.3
0.3
± 0.1
2.54
0
° ~ 15°
7.62
0.4
± 0.1
1.27
0.15
0.3Min.
5.0
± 0.2
85
4
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com