Electronic Components Datasheet Search
  English  ▼

X  

BA7657F Datasheet(PDF) 5 Page - Rohm

Part # BA7657F
Description  Input selector switch for high definition displays
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7657F Datasheet(HTML) 5 Page - Rohm

  BA7657F Datasheet HTML 1Page - Rohm BA7657F Datasheet HTML 2Page - Rohm BA7657F Datasheet HTML 3Page - Rohm BA7657F Datasheet HTML 4Page - Rohm BA7657F Datasheet HTML 5Page - Rohm BA7657F Datasheet HTML 6Page - Rohm BA7657F Datasheet HTML 7Page - Rohm BA7657F Datasheet HTML 8Page - Rohm BA7657F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Multimedia ICs
BA7657F / BA7657S
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement circuit
Maximum output level
Vom
——
VP-P
f = 1kHz
Fig.1
Voltage gain
GV
– 1.0
– 0.5
0
dB
f = 1MHz, VIN = 1VP-P
Fig.1
Input pin voltage gain deviation
∆GVI
– 0.2
0
0.2
dB
f = 1MHz, VIN = 1VP-P
Fig.1
Block voltage gain deviation
∆GVB
– 0.2
0
0.2
dB
f = 1MHz, VIN = 1VP-P
Fig.1
Input pin crosstalk 1
CTI1
—
– 50
– 40
dB
f = 10MHz, VIN = 1VP-P
Fig.2
Block crosstalk 1
CTB1
—
– 50
– 40
dB
f = 10MHz, VIN = 1VP-P
Fig.2
〈Digital switch unit〉
Input high level voltage
〈Analog switch unit〉
1.8
—
—
V
Fig.1
Input low level voltage
—
—
1.2
V
Fig.1
Input high level current
80
100
130
µAVIN = 5.0V
Fig.1
Input low level current
—
µAVIN = 0V
Fig.1
Rise time
TR
—
30
50
ns
Fig.1
Fall time
—
30
50
ns
Fig.1
Rise delay time
—
50
80
ns
Fig.1
Fall delay time
—
30
50
ns
Fig.1
Output high level voltage
3.0
3.7
—
V
Fig.1
Output low level voltage
—
0.2
0.4
V
Fig.1
Output high level current
– 3
– 1
– 400
——
µA
Fig.1
Output low level current
5
—
—
mA
Fig.1
〈SYNC separation unit〉
Minimum SYNC
separation level
VSMin.
—mVP-P
Fig.1
Output high level voltage
4.5
5.0
—
V
Fig.1
Output low level voltage
—
0.2
0.5
V
Fig.1
Output low level current
2
—
—
mA
Fig.1
Rise time
TR
—
80
130
ns
Fig.1
Fall time
TF
—
30
80
ns
Fig.1
Rising delay time
TRD
—
100
150
ns
Fig.1
Fall delay time
TFD
—
100
150
ns
Fig.1
〈Control unit〉
Output high level voltage
1.8
—
—
V
Fig.1
Output low level voltage
—
—
1.2
V
Fig.1
Output high level current
80
100
130
µAVIN = 5.0V
Fig.1
Output low level current
—
µAVIN = 0V
Fig.1
VIH
VIL
IIH
IIL
TF
TRD
TFD
VOH
VOL
IOH
IOL
VOH
VOL
IOL
VIH
VIL
IIH
IIL
Quiescent current
ICC
20
35
50
mA
Fig.1
2.8
50
– 3
– 1
– 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com