Electronic Components Datasheet Search
  English  ▼

X  

BA7664 Datasheet(PDF) 4 Page - Rohm

Part # BA7664
Description  75??driver with Y / C MIX circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7664 Datasheet(HTML) 4 Page - Rohm

  BA7664 Datasheet HTML 1Page - Rohm BA7664 Datasheet HTML 2Page - Rohm BA7664 Datasheet HTML 3Page - Rohm BA7664 Datasheet HTML 4Page - Rohm BA7664 Datasheet HTML 5Page - Rohm BA7664 Datasheet HTML 6Page - Rohm BA7664 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Multimedia ICs
BA7664FV
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current
Max. output level
Voltage gain
Frequency characteristic
Muting attenuation
Muting switching high level
Muting switching low level
Input impedance
Circuit current when muted
ICC
Vom
GV
GF
MT
VTHH
VTHL
ZIN
IMUTE
6.1
2.6
– 1.0
– 1.5
—
2.2
0
16
—
12.2
3.0
– 0.2
– 0.5
– 60
—
—
20
1.3
18.3
—
0.6
0.5
—
VCC
0.7
24
2.6
mA
VP-P
dB
dB
dB
V
V
k
Ω
mA
With no signal
f = 1kHz,THD = 1%V02
f = 4.43MHz / V01
f = 7MHz / 1MHz,1VP-P / V01
f = 4.43MHz,1VP-P / V01
—
—
Chrominance input pin (pin 7)
MUTEA “H”
•Guaranteed design parameters (unless otherwise noted, Ta = 25°C, VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Differential gain
Differential phase
DG
DP
—
—
1.0
0.5
2.0
2.0
%
DEG
VIN = 1.0VP-P reference staircase signal
VIN = 1.0VP-P reference staircase signal
•Mute switch mode settings
MUTE
• MUTEA (1pin)
H
NORMAL
L
CHROMA MUTE
• MUTEB (5pin)
H
NORMAL
L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com