Electronic Components Datasheet Search
  English  ▼

X  

BA7726AS Datasheet(PDF) 11 Page - Rohm

Part # BA7726AS
Description  Analog compander with vocal fader for KARAOKE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7726AS Datasheet(HTML) 11 Page - Rohm

Back Button BA7726AS Datasheet HTML 3Page - Rohm BA7726AS Datasheet HTML 4Page - Rohm BA7726AS Datasheet HTML 5Page - Rohm BA7726AS Datasheet HTML 6Page - Rohm BA7726AS Datasheet HTML 7Page - Rohm BA7726AS Datasheet HTML 8Page - Rohm BA7726AS Datasheet HTML 9Page - Rohm BA7726AS Datasheet HTML 10Page - Rohm BA7726AS Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Multimedia ICs
BA7726AS / BA7726AFS
•Operation notes
(1) LINE OUT (pins 1 and 2) signal processing
• Be sure to attach a capacitor for phase correction to
the LINE OUT pins.
4700p
4700p
LINE OUT R
LINE OUT L
Fig. 9
(2) Setting the loop gain
• Set the LPF constant and pin 12 control voltage so
that the loop gain (1st echo wave / 2nd echo wave)
does not exceed 1. Be particularly careful of peak-
ing near the LPF cutoff point.
(3) ALC function and microphone amplifier input
detection function
• Refer to items 7 and 8 in “Circuit description.” When
these functions are not used, be sure to ground pins
27 and 28 (the ALC function) and pins 29 and 30
(microphone amplifier input detection function).
•External dimensions (Units: mm)
32
1
16
17
0.5
± 0.1
0.3 ± 0.1
28.0
± 0.3
0
° ~ 15°
10.16
1.778
SDIP32
SSOP-A32
BA7726AFS
BA7726AS
0.15
0.3Min.
1
32
0.36
± 0.1
16
17
13.6
± 0.2
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com