Electronic Components Datasheet Search
  English  ▼

X  

BA7745 Datasheet(PDF) 2 Page - Rohm

Part # BA7745
Description  VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7745 Datasheet(HTML) 2 Page - Rohm

  BA7745 Datasheet HTML 1Page - Rohm BA7745 Datasheet HTML 2Page - Rohm BA7745 Datasheet HTML 3Page - Rohm BA7745 Datasheet HTML 4Page - Rohm BA7745 Datasheet HTML 5Page - Rohm BA7745 Datasheet HTML 6Page - Rohm BA7745 Datasheet HTML 7Page - Rohm BA7745 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Video ICs
BA7745FS
•Block diagram
REC / PB CTRL
REC AGC FILTER
REC CURRENT SENSE
REC OUT
MAIN GND
PRE AC – FB CH1
PRE AC – FB CH2
PRE IN CH1
PRE GND
PRE IN CH2
REC + B CH2
VCC REC + B
N.C.
FE VCC
FE OUT
REC + B CH1
REC NF
REC MIX IN
OVER REC CTRL
REC MUTE CTRL
VCC
VCA CTRL
N.C.
PRE OUT
EP / SP CTRL
HSWPIN
FE LEVEL
FE3
FE2
FE1
FE GND
FE CTRL
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
7.0
V
12.5
Pd
1000∗
mW
Topr
– 10 ~ + 70
°C
Tstg
– 55 ~ + 125
°C
PB / REC system
FE system
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
∗ When mounted on a 90mm × 50mm × 1.6mm glass epoxy board, reduced by 10mW for
each increase in Ta of 1
°C over 25°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com