Electronic Components Datasheet Search
  English  ▼

X  

BA7746 Datasheet(PDF) 11 Page - Rohm

Part # BA7746
Description  VCR Hi-Fi audio signal REC / PB amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7746 Datasheet(HTML) 11 Page - Rohm

Back Button BA7746 Datasheet HTML 4Page - Rohm BA7746 Datasheet HTML 5Page - Rohm BA7746 Datasheet HTML 6Page - Rohm BA7746 Datasheet HTML 7Page - Rohm BA7746 Datasheet HTML 8Page - Rohm BA7746 Datasheet HTML 9Page - Rohm BA7746 Datasheet HTML 10Page - Rohm BA7746 Datasheet HTML 11Page - Rohm BA7746 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Video ICs
BA7746S / BA7746FS
•Operation notes
(1) preamplifier
The preamplifier in this IC is a high-gain amplifier for
FM audio. This amplifier has been carefully designed
for stability. However, the design of the PCB greatly
effects the stability of the preamplifier. A list of general
precautions are given below. Take note when design-
ing the PCB.
1)The oscillation margin is reduced when the input
and output patterns are physically close.
The input and output wiring should not come out of
the same side of tha IC.
Good example
Bad example
2)The GND pattern should be connected at one point
to the main IC GND (pin 16). In addition, the pream-
plifier input-side GND and output-side GND should
be as close as possible to the main IC GND.
Good example
Bad example
3)A large GND pattern under the IC has a shielding
effect, and reduced the chance of picking up exter-
nal noise.
4)When the preamplifier is connected to a capacitive
load such as shilded wire, or when the output cur-
rent is large, the output may oscillate. In this case,
connect a resistor to the preamplifier output (approx.
390
Ω).
IC
Input
Output
PRE
GND
MAIN
IC
RL
GND
GND
Output
Output
Input
390
REC
PRE
HEAD AMP
660mVP-P
BA7746S / FS
270mVP-P
BH780XK series
REC
LPF
REC
LPF
MOD
MOD
FM
BPF
DE
MOD
Connection example for BA7746S / BA7746FS and BH780XK series.
Hi-Fi AUDIO
IC
Output
Input
PRE
GND
MAIN
IC
RL
GND
GND
Output
Output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com