Electronic Components Datasheet Search
  English  ▼

X  

BA7755AF Datasheet(PDF) 4 Page - Rohm

Part # BA7755AF
Description  High-voltage audio head selection switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7755AF Datasheet(HTML) 4 Page - Rohm

  BA7755AF Datasheet HTML 1Page - Rohm BA7755AF Datasheet HTML 2Page - Rohm BA7755AF Datasheet HTML 3Page - Rohm BA7755AF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Video ICs
BA7755A / BA7755AF
•Application example
BA7755A
12345
LINE IN
2
4
6
8
10
12
14
16
18
20
22
24
1
3
5
7
9
11
13
15
17
19
21
23
+
R6
+
+
10k
LINE OUT
+
+
EE
EE
SP
PB
REC
EP
MUTE ON
MUTE OFF
BA7751ALS
BIAS
PB
SW7
SW1
R
P
ALC DET.
ALC VR.
LINE
40dB
BIAS
BUFF.
SW5
SW4
SW3
REC
SW8
+
470
L1
3.9mH
VR2
AC BIAS
51k
+
PB IN REC OUT
+
18k
12k
330k
0.01
µ
47
VCC
CTRL VCC
R8
C10
R15
R19
C4
R1
R2 R3
R5
+
+
+
+
+
5.6 k
R / P HEAD
Fig.4
Note:
R13, C16, R16 and C18 prevent switching
noise. These are not required if external
muting or some other method is used to
eliminate switching noise.
•External dimensions (Units: mm)
SIP5
SOP8
BA7755A
BA7755AF
0.4
± 0.1
1.27
0.15
0.3Min.
5.0
± 0.2
85
4
1
2.54
0.6
1
1.3
0.8
0.6
5
11.8
± 0.2
0.3
± 0.1
2.4
± 0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com