Electronic Components Datasheet Search
  English  ▼

X  

BA7757BK Datasheet(PDF) 5 Page - Rohm

Part # BA7757BK
Description  Switchless REC / PB amplifier for standard audio signal processing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7757BK Datasheet(HTML) 5 Page - Rohm

  BA7757BK Datasheet HTML 1Page - Rohm BA7757BK Datasheet HTML 2Page - Rohm BA7757BK Datasheet HTML 3Page - Rohm BA7757BK Datasheet HTML 4Page - Rohm BA7757BK Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Video ICs
BA7757BK
•Application example
MIC
IN
AC BIAS
OSC
1k
1k
LINE
IN
INPUT
SW
CTRL
AUDIO
HEAD
TP
TP
8
1234567
32
25
Vreg
17
24
23
22
21
20
19
18
26
27
28
29
30
31
– 24.4dB
39.2dB
15
14
13
12
11
REC
LINE
10
9
R
P
BF
BIAS
BIAS
ALC
PB
120k
Ω
INPUT SW
1M
47
µ
22
µ
33
µ
10k
FADE OUT
/ FADE IN
CTRL
MUTE
CTRL
22k
N.C.
NP
VCC
33
µ
0.47
µ
0.47
µ 220p
LINE
OUT
VCC
EE / PB
CTRL
EE / REC
CTRL
EP / SP
CTRL
16
Fig. 2
+
+
+
+
Units
R:
Ω
C: F
•External dimensions (Units: mm)
0.15
0.4
± 0.1
24
17
16
9
8
1
25
32
7.0
± 0.2
9.0
± 0.3
0.15
± 0.1
0.8
QFP32



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com