Electronic Components Datasheet Search
  English  ▼

X  

BA7757 Datasheet(PDF) 4 Page - Rohm

Part # BA7757
Description  Switchless REC / PB amplifier for standard audio signal processing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7757 Datasheet(HTML) 4 Page - Rohm

  BA7757 Datasheet HTML 1Page - Rohm BA7757 Datasheet HTML 2Page - Rohm BA7757 Datasheet HTML 3Page - Rohm BA7757 Datasheet HTML 4Page - Rohm BA7757 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Video ICs
BA7757BK
•Measurement circuit
8
1234567
25
VCC
5.6k
12k
330k
ON
Gvope
220
33
µ
0.01
µ
33
µ
100
µ
1
µ
1
µ
56k
5.6k
5.6k
56k
1
µ
Vreg
17
24
23
22
21
20
19
18
26
27
28
29
30
31
– 24.4dB
39.2dB
16
15
14
13
12
11
REC
LINE
10
A
9
R
P
BF
BIAS
BIAS
ALC
PB
120k
Ω
INPUT SW
1k
MIC
IN
LINE
(REC)
IN
PB
OUT
&
LINE
(PB) IN
1M
47
µ
22
µ
33
µ
10k
FADE OUT
/ FADE IN
CTRL
MUTE
CTRL
Units
R:
Ω
C: F
22k
ON
ALC OFF
N.C.
NP
32
10
µ
LINE
OUT
EE / PB
CTRL
EE / REC
CTRL
EP / SP
CTRL
ON
GVOREC
51k
REC
OUT
ON
RL 100
Ω
VCC
10k
10k
100
1
µ
4.7
µ
2.7k
1k
LINE
IN
10k
INPUT
SW
OUT
INPUT
SW
CTRL
62k
PB IN
0.47
µ
0.47
µ
1
µ
4.7
µ
470p
6.2k
220p
Fig. 1
+
+
+
+
+



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com