Electronic Components Datasheet Search
  English  ▼

X  

BA7780KV Datasheet(PDF) 5 Page - Rohm

Part # BA7780KV
Description  Stereo zoom microphone amplifier for camcorders
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7780KV Datasheet(HTML) 5 Page - Rohm

  BA7780KV Datasheet HTML 1Page - Rohm BA7780KV Datasheet HTML 2Page - Rohm BA7780KV Datasheet HTML 3Page - Rohm BA7780KV Datasheet HTML 4Page - Rohm BA7780KV Datasheet HTML 5Page - Rohm BA7780KV Datasheet HTML 6Page - Rohm BA7780KV Datasheet HTML 7Page - Rohm BA7780KV Datasheet HTML 8Page - Rohm BA7780KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Video ICs
BA7780KV
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
IqE
—
8.5
12.0
mA
GVE
27.0
28.0
29.0
dB
GVIH
21.5
24.5
27.5
dB
GVIM
18.5
21.5
24.5
dB
GVIL
16.5
18.5
21.5
dB
THDW
—
0.05
0.5
%
THDE
—
0.1
0.25
%
THDZ
—
0.15
0.5
%
VOM
0.75
0.95
—
Vrms
VONE
—30
60
µVrms
VONW
—30
60
µVrms
VONZ
—
60
120
µVrms
CTIE
—
– 76
– 70
dB
CTCH
—
– 76
– 70
dB
GVGLR
– 1.5
0.0
1.5
dB
10 39
GVILR
– 1.5
0.0
1.5
dB
940
VREG
2.3
2.5
2.75
V
VEXT
4.3
4.5
—
V
ILTD
—
—
30
mA
VHSWH
1.6
—
V
VHSWL
0—
0.7
V
VHGH
2.8
—
V
VHGM
1.3
—
2.0
V
VHGL
0—
0.5
V
VHHPFH
2.0
—
V
VHHPFL
0—
0.5
V
GVM1-1
– 7.0
– 6.0
– 5.0
dB
GVM1-2
– 1.0
0
1.0
dB
GVM2-1
6.0
7.0
8.0
dB
GVM2-2
– 1.0
0
1.0
dB
EXT MIC IN, VO = 300mVrms
Note 1
Note 2
VCC
VCC
VCC
GAIN CTL H
INT MIC IN, ZOOM, VO = 300mVrms
INT MIC IN, WIDE, Vo = 300mVrms
INT MIC IN, GAIN CTL L
INT MIC IN, GAIN CTL M
INT MIC IN, GAIN CTL H
EXT MIC IN
INT / EXT MIC IN, No input
Pins 29 and 30 = 0V, GAIN CTL H
INT MIC IN, HML,
INT MIC IN, HML,
HPF OFF, 19pin DC
HPF ON, 19pin DC
63
→62 / 50→62 pin
INT L / M / H, 2
→57, 47→57pin
INT / EXT MIC IN, THD = 1%∗2
EXT MIC IN, Rg = 1k
Ω∗1
INT MIC IN, Rg = 1k
Ω∗1
INT MIC IN, Rg = 1k
Ω∗1
Current dissipation
Voltage gain 1
Voltage gain 2
Voltage gain 3
Voltage gain 4
Distortion 1
Distortion 2
Distortion 3
Maximum output
Output noise voltage 1 (EXT)
Output noise voltage 2 (INT, WIDE)
Output noise voltage 3 (INT, ZOOM)
Input switch crosstalk (INT to EXT)
Interchannel crosstalk
GC OUT L / R gain differential
Inverter OUT L / R gain differential
Internal microphone power supply output voltage
External power supply output voltage
External power supply limit current
Input switching CTL holding voltage
Gain switching CTL holding voltage
HPF, CTL holding voltage
MIX 1 gain
MIX 2 gain
Pins 4 and 45 output current for 30k
Ω load
Pin 25 DC for pin 25 output current of 25mA
Pin 25 output current when grounded
“H” level, pin 6 / 43 DC
“L” level, pin 6 / 43 DC
“H” level, pin 26 DC
“M” level, pin 26 DC
“L” level, pin 26 DC
Gain differential for pins 63 to 62 and 50 to 62
Gain differential for pins 2 to 57 and 47 to 57
•Electrical characteristics
Measurement conditions
Unless otherwise noted, the following conditions apply:
Ta = 25°C, VCC3.3V, external supply voltage (pin 24) =
4.75V, pin 19 = “H” or open, pin 26 = 1 / 2VCC, pin 51 =
0.58
× pin 4, pin 27 = 0.733 × pin 4, pin 28 = 0.80 × pin 4,
pin 29 = 2.2V, pin 30 = 2.2V
Input signal level Int = – 31.5dBV
Ext = – 38.5dBV
Sub = – 33.5dBV (1kHz)
Monitoring pins: 17 and 32
∗ 1 JIS–A filter used
∗ 2 400Hz to 30kHz filter used



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com