Electronic Components Datasheet Search
  English  ▼

X  

BA7795 Datasheet(PDF) 11 Page - Rohm

Part # BA7795
Description  VCR standard audio signal processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7795 Datasheet(HTML) 11 Page - Rohm

Back Button BA7795 Datasheet HTML 4Page - Rohm BA7795 Datasheet HTML 5Page - Rohm BA7795 Datasheet HTML 6Page - Rohm BA7795 Datasheet HTML 7Page - Rohm BA7795 Datasheet HTML 8Page - Rohm BA7795 Datasheet HTML 9Page - Rohm BA7795 Datasheet HTML 10Page - Rohm BA7795 Datasheet HTML 11Page - Rohm BA7795 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Video ICs
BA7795LS / BA7795FS
•Electrical characteristic curves
VCC = 9V
ALC; OFF
40
30
20
10
0
100
1k
10k
100k
1M
FREQUENCY: f (Hz)
Fig. 8 Gain vs. frequency (PB amplifier)
– 20
VCC = 9V
f = 1kHz
13
15
R1
5.6k
Ω
R1 = 18k
Ω
R1 = 12k
Ω
R1 = 39k
Ω
10
0
– 10
– 20
– 30
– 40
– 30
– 10
0
10
INPUT LEVEL: VIN (dBV)
Fig. 9 Line amplifier ALC input / output
characteristics
VCC = 9V
(ALC; OFF)
f = 1kHz
THD = 1%
(0.4 ~ 30kHz)
+
10
µ
LINE
RL
100
200
500
1k
2k
5k
10k
– 20
– 10
0
10
20
OUTPUT IMPEDANCE RL (
Ω)
Fig. 10 Line amplifier load drive
characteristics
PB
SW
8.2k
330k
330
+
0.01
µ
22
µ
2
6
8
10
12k
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
FREQUENCY: f (Hz)
GVO
SP (SW: ON)
EP (SW: OFF)
∗ BA7795LS
Fig. 11 Playback amplifier frequency
characteristics
VCC = 9V
ALC; OFF
DIN AUDIO
LINE
TU
→LINE
PB
→LINE
10
100
1k
10k
100k
10
0
– 20
– 10
– 30
– 40
– 50
– 60
– 70
– 80
– 90
– 100
– 110
FREQUENCY: f (Hz)
MUTE
Fig. 12 Line amplifier crosstalk
DIN AUDIO
VCC = 9V
CIN = 4.7
µF
100
200
500
1k
2k
5k
10k
– 70
– 80
– 90
– 100
INPUT IMPEDANCE: Rg (
Ω)
Fig. 13 Playback amplifier output
noise characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com