Electronic Components Datasheet Search
  English  ▼

X  

BA7797F Datasheet(PDF) 4 Page - Rohm

Part # BA7797F
Description  VCR standard audio signal processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7797F Datasheet(HTML) 4 Page - Rohm

  BA7797F Datasheet HTML 1Page - Rohm BA7797F Datasheet HTML 2Page - Rohm BA7797F Datasheet HTML 3Page - Rohm BA7797F Datasheet HTML 4Page - Rohm BA7797F Datasheet HTML 5Page - Rohm BA7797F Datasheet HTML 6Page - Rohm BA7797F Datasheet HTML 7Page - Rohm BA7797F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Video ICs
BA7797F
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 10V, and f = 1kHz)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
IqEE
6.4
8.5
11.3
mA
IqPB
6.4
8.5
11.3
mA
IqREC
5.2
6.9
9.2
mA
GVCLP
27.0
28.0
29.0
dB
GVCLT
19.0
20.0
21.0
dB
THDLT
—
0.1
0.3
%
VOMLT
5.9
8.4
—
dBV
VNOLT
—
– 81.5
– 75
dBV
VOA
– 9.0
– 8.0
– 7.0
dBV
THDA
—
0.1
0.5
%
MT
—
– 82.0
– 72
dB
GVCR
19.0
20.0
21.0
dB
THDR
—
0.13
0.4
%
VOMR
5.7
8.2
—
dBV
GVOR
60
71
—
dB
GVOP
61
68
—
dB
VNINP
—
– 122.5 – 114
dBV
GVCP
35.0
36.0
37.0
dB
RPH
—11
20
Ω
RRH
—17
25
Ω
BVRHDC
—0
10
µAE2 = ± 55V
BVRHAC
80
100
—
VP-P
Measurement
circuit
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
VO = – 8dBV
VO = – 8dBV
VO = – 8dBV, RL = 4.7k
Ω∗
THD = 1%, RL = 4.7k
Ω∗
VO = 0dBV, DIN AUDIO
LINE IN, TUNER IN
→REC OUT
VO = – 8dBV
VIN = – 25dBV, RL = 4.7k
Ω∗
VO = – 8dBV, RL = 4.7k
Ω∗
THD = 1%, RL = 4.7k
Ω∗
Rg = 680
Ω, DIN AUDIO
PB IN
→PB OUT
f = 70kHz, V2
± 1.5V
Rg = 4.7k
Ω, DIN AUDIO
VIN = – 25dBV, 9pin: OPEN
Fig.2
∗ Measured at BW = 400Hz to 30kHz.
Quiescent current EE
Quiescent current PB
Quiescent current REC
〈Line amplifier〉
Voltage gain (PB input)
Voltage gain (LINE1, LINE2, TU inputs)
Distortion
Maximum output level
Output residual noise
ALC level
ALC distortion
Mute attenuation ratio
〈Recording amplifier〉
Voltage gain
Distortion
Maximum output level
Openloop gain
Playback preamplifier
Openloop gain
Input conversion noise
Voltage gain (stand alone)
〈Head switch〉
PB head switch impedance
REC head switch impedance
REC head switch DC withstanding voltage
REC head switch AC withstanding voltage
No signal
No signal
No signal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com