Electronic Components Datasheet Search
  English  ▼

X  

BA823 Datasheet(PDF) 4 Page - Rohm

Part # BA823
Description  8-bit, serial IN, parallel OUT driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA823 Datasheet(HTML) 4 Page - Rohm

  BA823 Datasheet HTML 1Page - Rohm BA823 Datasheet HTML 2Page - Rohm BA823 Datasheet HTML 3Page - Rohm BA823 Datasheet HTML 4Page - Rohm BA823 Datasheet HTML 5Page - Rohm BA823 Datasheet HTML 6Page - Rohm BA823 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Standard ICs
BA823 / BA823F
•Input / output circuits
1, 2, 15pin
10k
Ω
(a) Input circuit
500
Ω
3pin
VCC
200
Ω
(c) Data output circuit
Fig.5
VCC
5, 6, 7, 8, 9, 10,
11, 12pin
(b) Output circuit
•Electrical characteristic curves
AMBIENT TEMPERATURE : Ta (
°C)
750
500
250
0
– 25
0
25
50
75
100
BA823F
125
150
BA823
Fig. 6 Power dissipation vs.
ambient temperature
OUTPUT DUTY CYCLE (ALL BIT "ON") (%)
200
160
120
80
40
20
40
60
80
100
18mA
22mA
42mA
48mA
13%
30%
34%
15%
BA823
BA823F
Ta = 75
°C
Ta = 25
°C
At repetition frequency of 1 Hz or higher
Fig. 7 Output conditions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com