Electronic Components Datasheet Search
  English  ▼

X  

BA8272F Datasheet(PDF) 6 Page - Rohm

Part # BA8272F
Description  Bus interface for car audio
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA8272F Datasheet(HTML) 6 Page - Rohm

  BA8272F Datasheet HTML 1Page - Rohm BA8272F Datasheet HTML 2Page - Rohm BA8272F Datasheet HTML 3Page - Rohm BA8272F Datasheet HTML 4Page - Rohm BA8272F Datasheet HTML 5Page - Rohm BA8272F Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
925
Audio ICs
BA8272F
FApplication example
FOperation notes
(1)
We guarantee the application circuit design, but
recommend that you thoroughly check its characteristics
in actual use. If you change any of the external compo-
nent values, check both the static and transient charac-
teristics of the circuit, and allow sufficient margin in your
selections to take into account variations in the compo-
nents and ICs.
Note that Rohm has not fully investigated patent rights
regarding this product.
(2)
Based on the EIAJ static electric destruction volt-
age measurement (C = 200pF and R = 0
Ω), the with-
standing voltage of pins 4, 5 and 12 has been determined
to be 200V or less. Take due care.
FExternal dimensions (Units: mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com