Electronic Components Datasheet Search
  English  ▼

X  

BU1920F Datasheet(PDF) 6 Page - Rohm

Part # BU1920F
Description  RDS / RBDS decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1920F Datasheet(HTML) 6 Page - Rohm

  BU1920F Datasheet HTML 1Page - Rohm BU1920F Datasheet HTML 2Page - Rohm BU1920F Datasheet HTML 3Page - Rohm BU1920F Datasheet HTML 4Page - Rohm BU1920F Datasheet HTML 5Page - Rohm BU1920F Datasheet HTML 6Page - Rohm BU1920F Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
175
Audio ICs
BU1920 / BU1920F / BU1920FS
FOutput data timing
The clock (RCLK) frequency is 1187.5Hz. Depending on
the state of the internal PLL clock, the data (RDATA) is
replaced in synchronous with either the rising or falling
edge of the clock. To read the data, you may
choose either the rising or falling edge of the clock as the
reference. The data is valid for 416.7
µs, after the refer-
ence clock edge.
QUAL pin operation: Indicates the quality of the demodu-
lated data.
(1)
Good data
: HI
(2)
Poor data
: LO
ARI pin operation: ARI / RDS discrimination.
(1)
ARI
: LO
(2)
RDS + ARI
: LO
(3)
RDS
: HI
(4)
No signal
: unstable
FElectrical characteristics curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com