Electronic Components Datasheet Search
  English  ▼

X  

BU2114F Datasheet(PDF) 6 Page - Rohm

Part # BU2114F
Description  8-bit shift register and latch driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2114F Datasheet(HTML) 6 Page - Rohm

  BU2114F Datasheet HTML 1Page - Rohm BU2114F Datasheet HTML 2Page - Rohm BU2114F Datasheet HTML 3Page - Rohm BU2114F Datasheet HTML 4Page - Rohm BU2114F Datasheet HTML 5Page - Rohm BU2114F Datasheet HTML 6Page - Rohm BU2114F Datasheet HTML 7Page - Rohm BU2114F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Standard ICs
BU2114 / BU2114F
•Switching characteristics (unless otherwise noted, Ta = 25°C, VDD = 5.0V)
Parameter
Symbol Conditions
Min.
Typ.
Max.
Unit
tSLH
VIH = 5v
VIL = 0v
——
100
ns
tSPLH
——
100
ns
tOLH
——
200
ns
tOHL
——
200
ns
tELH
——
100
ns
tEHL
——
100
ns
Output "L - H" propagation time
Input CK to output SOUT
Output "H - L" propagation time
Input CK to output SOUT
Output "L - H" propagation time
Input CK to output ON
Output "H - L" propagation time
Input CK to output ON
Output "L - H" propagation time
Input EN to output ON
Output "H - L" propagation time
Input EN to output ON
CK
SOUT
EN
On
tSLH
tSLH
tOLH
tOHL
tELH
tEHL
Note) Measured with pull-up resistance of 1.0k
Ω and load of 20pF applied to terminals O1 to O8.
Fig.3 Switching characteristic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com