Electronic Components Datasheet Search
  English  ▼

X  

BU2092 Datasheet(PDF) 11 Page - Rohm

Part # BU2092
Description  12-bit, serial IN, parallel OUT driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2092 Datasheet(HTML) 11 Page - Rohm

Back Button BU2092 Datasheet HTML 4Page - Rohm BU2092 Datasheet HTML 5Page - Rohm BU2092 Datasheet HTML 6Page - Rohm BU2092 Datasheet HTML 7Page - Rohm BU2092 Datasheet HTML 8Page - Rohm BU2092 Datasheet HTML 9Page - Rohm BU2092 Datasheet HTML 10Page - Rohm BU2092 Datasheet HTML 11Page - Rohm BU2092 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Standard ICs
BU2090 / BU2090F / BU2090FS /
BU2092 / BU2092F / BU2092FV
•Electrical characteristic curves
25
50
75
100
125
150
0
SOP16
SSOP16 (Unmounted)
SSOP16
1200
1000
800
600
400
200
AMBIENT TEMPERATURE: Ta (
°C)
Fig.7 BU2090 / F / FS thermal derating
characteristics
DIP16 (Unmounted)
(when mounted on a 90mm
× 50mm × 1.6mm
glass epoxy board)
(when mounted on a 50mm
× 50mm × 1.6mm
glass epoxy board)
SOP16 (Unmounted)
25
50
75
100
125
0
200
400
600
800
1000
1200
150
DIP18 (Unmounted)
AMBIENT TEMPERATURE: Ta (
°C)
(When mounted on a 70mm
× 70mm × 1.6mm glass epoxy board)
SSOP-B20
SSOP-B20
(Unmounted)
Fig.8 BU2092 / F / FV thermal derating
characteristics
(when mounted on a 50mm
× 50mm × 1.6mm
glass epoxy board)
SOP18 (Unmounted)
SOP18
0.5
0
1.0
1.5
2.0
2.5
30
25
20
15
10
5
VDD
= 5V
VDD
= 3V
OUTPUT VOLTAGE "LOW" LEVEL: VOL (V)
Fig.9 Output current vs.output low level
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com