Electronic Components Datasheet Search
  English  ▼

X  

BU2190F Datasheet(PDF) 3 Page - Rohm

Part # BU2190F
Description  Clock generator for PD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2190F Datasheet(HTML) 3 Page - Rohm

  BU2190F Datasheet HTML 1Page - Rohm BU2190F Datasheet HTML 2Page - Rohm BU2190F Datasheet HTML 3Page - Rohm BU2190F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Multimedia ICs
BU2190F
•Input / output circuits
Type A
Pin
To inside
Type B
Pin
From inside
Type C
Pin
Pin
To inside
Parameter
Symbol
Min.
– 125
– 1.0
—
0.7
× VDD
Typ.
0.0
—
—
Max.
1.0
0.3
× VDD
—
IIL
IIH
VIL
VIH
Input low level current
Input high level current
Input low level voltage
Input high level voltage
Unit
µA
µA
V
V
Conditions
VIN = 5V
VIN = 0V
5V / 65.5
µA = 76KΩ
——
0.5
VOL
Output low level voltage
VIOL = 4.0mA
0.7
× VDD
——
VOH
IDD
Output high level voltage
VIOH = – 4.0mA
—
16.91
16.91
– 100ppm
– 100ppm
16.80
30.00
20.00
40
—
—
—
—
—
30
16.9344
16.9344
59.2704
40.2192
16.9344
59.2704
40.2192
50
50
600
2
10
10
50
16.95
16.95
+ 100ppm
+ 100ppm
17.00
57.2
40.3
60
—
—
—
—
—
fREF
fBCK
f1
f2
fBLK1
f1-1
f2-1
DUTY
J1S
Jabs
Tpt
CIN
COUT
Operating circuit current
Reference frequency (1)
Output frequency (1)
Output frequency (2)
Output frequency (3)
Output frequency (4)
Output frequency (5)
Output frequency (6)
mA
MHz
MHz
MHz
MHz
MHz
MHz
MHz
%
psec
psec
ms
pF
pF
fXTAL = 16.9344MHz, no load
fREF
× 28 / 4 / 2
fREF
× 19 / 4 / 2
VDD = 3.3V
VDD = 3.3V
VDD = 3.3V
Measure at 1 / 2VDD
Reference value (1sigma)
Reference value (min.-to-max. width for jitter)
Reference value
Reference value (pin-to-pin capacitance + internal capacitance)
Reference value (pin-to-pin capacitance + internal capacitance)
Duty
Jitter
Jitter
Power up time
XTAL1 equivalent capacitance
XTAL0 equivalent capacitance
– 65.5
– 50.0
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VDD = 5.0V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com