Electronic Components Datasheet Search
  English  ▼

X  

BU2614FS Datasheet(PDF) 7 Page - Rohm

Part # BU2614FS
Description  PLL frequency synthesizer for tuners
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2614FS Datasheet(HTML) 7 Page - Rohm

  BU2614FS Datasheet HTML 1Page - Rohm BU2614FS Datasheet HTML 2Page - Rohm BU2614FS Datasheet HTML 3Page - Rohm BU2614FS Datasheet HTML 4Page - Rohm BU2614FS Datasheet HTML 5Page - Rohm BU2614FS Datasheet HTML 6Page - Rohm BU2614FS Datasheet HTML 7Page - Rohm BU2614FS Datasheet HTML 8Page - Rohm BU2614FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
122
Audio ICs
BU2614 / BU2614FS
FFrequency counter
(1)
Structure
(2)
How the frequency counter operates
When control data CT equals 1, the 20-bit counter and
the amp go into operation. When CT equals 0, input pull-
down and the counter are reset. Measuring time (gate
pulse) is selected (16ms / 32ms) on the basis of control
data GT. When control data CT equals 0, the counter is
reset.
(3)
Explanation of output data
D0: LSB
D19: MSB
How the unlock detection circuit operates
When control data GT equals 1, or CT equals 1, the un-
lock detection circuit goes into operation for 8ms. When
CT equals 1, the unlock detection circuits stops operating
before the frequency counter gate pulse is emitted.
When CT equals 0, or GT equals 0, the unlock detection
circuit is reset.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com