Electronic Components Datasheet Search
  English  ▼

X  

BU2630 Datasheet(PDF) 4 Page - Rohm

Part # BU2630
Description  Dual PLL frequency synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2630 Datasheet(HTML) 4 Page - Rohm

  BU2630 Datasheet HTML 1Page - Rohm BU2630 Datasheet HTML 2Page - Rohm BU2630 Datasheet HTML 3Page - Rohm BU2630 Datasheet HTML 4Page - Rohm BU2630 Datasheet HTML 5Page - Rohm BU2630 Datasheet HTML 6Page - Rohm BU2630 Datasheet HTML 7Page - Rohm BU2630 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
94
Communication ICs
BU2630F / BU2630FV
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VDD = 3.0V, VSS = 0V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com