Electronic Components Datasheet Search
  English  ▼

X  

BA4028B Datasheet(PDF) 6 Page - Rohm

Part # BA4028B
Description  BCD-to-decimal decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4028B Datasheet(HTML) 6 Page - Rohm

  BA4028B Datasheet HTML 1Page - Rohm BA4028B Datasheet HTML 2Page - Rohm BA4028B Datasheet HTML 3Page - Rohm BA4028B Datasheet HTML 4Page - Rohm BA4028B Datasheet HTML 5Page - Rohm BA4028B Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Standard ICs
BA4028B
•Electrical characteristics curve
1200
1000
800
600
400
200
0
0
255075
100
125
150
AMBIENT TEMPERATURE: Ta (
°C)
Fig.4 Power dissipation vs. Ta
•External dimensions (Units: mm)
DIP16
0.3 ± 0.1
9
16
8
1
0.5
± 0.1
19.4
± 0.3
2.54
0
° ~ 15°
7.62



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com