Electronic Components Datasheet Search
  English  ▼

X  

BU9761FS Datasheet(PDF) 4 Page - Rohm

Part # BU9761FS
Description  Quad 2-input / 2-output analog switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9761FS Datasheet(HTML) 4 Page - Rohm

  BU9761FS Datasheet HTML 1Page - Rohm BU9761FS Datasheet HTML 2Page - Rohm BU9761FS Datasheet HTML 3Page - Rohm BU9761FS Datasheet HTML 4Page - Rohm BU9761FS Datasheet HTML 5Page - Rohm BU9761FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Standard ICs
BU9761FS
•Measurement circuits
A
V
VOUT
GND
RL
IO
II
VI
SELECT EN
VDD
Fig.1 Input voltage, current
VOUT
VOUT
VIN =
VIN
GND
RL
IO
SELECT EN
VDD
VDD
RON = RL
(
)
2
– 1
k
Ω
Fig.2 ON resistance, ON resistance deviation
GND
VOUT
VIN
IOFF
IO
SELECT
EN
VDD
A
Fig.3 OFF-channel leakage current
VOUT
GND
RL
CL
I
O
SELECT
EN
VDD
P.G
50%
50%
50%
90%
VIN
VOUT
tPHL1
tPLH1
Fig.4 Propagation delay time (IN to OUT)
VOUT
VSE
GND
RL
CL
IO
SELECT EN
VDD
P.G
50%
50%
50%
90%
VSE
VOUT
tPHL2
tPLH2
Fig.5 Propagation delay time (SELECT to OUT)
VOUT
VEN
GND
RL
CL
IO
SELECT EN
VDD
P.G
50%
50%
50%
90%
VEN
VOUT
tPHZ
tPZH
Fig.6 Output Enable, Disable time 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com