Electronic Components Datasheet Search
  English  ▼

X  

BU9877FV Datasheet(PDF) 5 Page - Rohm

Part # BU9877FV
Description  Serial interface IC for DIMMs supporting plug & play
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9877FV Datasheet(HTML) 5 Page - Rohm

  BU9877FV Datasheet HTML 1Page - Rohm BU9877FV Datasheet HTML 2Page - Rohm BU9877FV Datasheet HTML 3Page - Rohm BU9877FV Datasheet HTML 4Page - Rohm BU9877FV Datasheet HTML 5Page - Rohm BU9877FV Datasheet HTML 6Page - Rohm BU9877FV Datasheet HTML 7Page - Rohm BU9877FV Datasheet HTML 8Page - Rohm BU9877FV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Memory ICs
BU9877FV
•Operation timing characteristics (unless otherwise noted, Ta = – 40 to + 85°C , Vcc = 2.7V to 5.5V)
Parameter
Symbol
Typ.
Max.
Min.
Unit
Data clock HIGH time
t HIGH
——
4.0
µs
t SU: STA
——
Start condition setup time
4.7
µs
t PD
—
3.5
—
Output data delay time
µs
t DH
——
0.3
Output data hold time
µs
t SU:STO
——
4.7
Stop condition setup time
µs
t BUF
——
4.7
Bus release time prior to start of transfer
µs
t I
—
0.1
Effective noise elimination interval (SCL, SDA pins)
—
µs
t HD: STA
——
Start condition hold time
4.0
µs
t F
—
0.3
SDA / SCL fall time
—
µs
t R
—
SDA / SCL rise time
1.0
—
µs
t LOW
Data clock LOW time
—
—
4.7
µs
t HD: DAT
——
Input data hold time
0
ns
t SU: DAT
——
Input data setup time
250
ns
t WR1
—
10
—
ms
t WR2
—
15
—
ms
Internal write cycle time
∗1
∗2
∗1 VCC = 4.5V to 5.5V
∗2 VCC = 2.7V to 5.5V
(3) Start condition (start bit recognition)
Before executing the various commands, a start condi-
tion (start bit) must be input. This is recognized when
SCL is HIGH and SDA falls from HIGH to LOW.
If a start condition is not input, no commands will be
received.
(4) Stop condition (stop bit recognition)
To terminate the various commands, a stop condition
(stop bit) must be input. This is recognized when SCL
is HIGH and SDA rises from LOW to HIGH.
(5) Precautions concerning the write command
With the write command, internal writing is initiated by
inputting the stop bit after the data has been input.
(6) Device addressing (specifying the slave address)
The master address should be output first, followed by
the start condition, and then the slave address. The
first four bits of the slave address are used to recog-
nize the device type. The device code for this IC is
fixed at "1010". When accessing the write protect regis-
ter, a device code of "0110" is used.
The next three bits of the slave address (A2, A1, A0)
are used to select the device, and the IC begins to
function only if the data input for A2 to A0 matches the
states of input pins A2 to A0. Consequently, up to eight
of these ICs may be connected on the same bus,
depending on the combination of A2 to A0.
The last bit of the slave address (R / W) is used to
specify either writing or reading, and is as shown
below.
R / W set to 0: Writing or Random Read
R / W set to 1: Reading
Device type
Device address
Access to write protect register
Access to memory
A2
A2
A0
A0
A1
A1
0110
1010
R / W
W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com