Electronic Components Datasheet Search
  English  ▼

X  

DTC124TH Datasheet(PDF) 2 Page - Rohm

Part # DTC124TH
Description  Digital transistors (built-in resistor)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC124TH Datasheet(HTML) 2 Page - Rohm

  DTC124TH Datasheet HTML 1Page - Rohm DTC124TH Datasheet HTML 2Page - Rohm DTC124TH Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTC124TH / DTC124TE / DTC124TUA /
Transistors
DTC124TKA / DTC124TSA
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
Parameter
Symbol
VCBO
50
50
5
100
150
200
300
150
−55 ~ +150
EUA
KA
SA
V
V
V
mA
mW
°C
°C
VCEO
VEBO
IC
Pc
Tj
Tstg
Unit
Collector-base voltage
Emitter-base voltage
Collector-emitter voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
H
Limits(DTC124T )
!Electrical characteristics
(Ta = 25
°C)
Parameter
Symbol
BVCBO
VCE(sat)
V
V
V
V
BVCEO
BVEBO
ICBO
IEBO
hFE
R1
fT
Unit
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Input resistance
Transition frequency
Min.
Typ.
Max.
Conditions
50
50
5
−
−−
−
−
−
−
−
−
−
−
−
−
−
−−
100
15.4
250
22
250
0.5
0.5
0.3
600
28.6
µA
µA
k
Ω
MHZ
IC
=50µA
IC/IB
=5mA/0.5mA
IE
=50µA
VCB
=50V
VCE
=5V,IC=1mA
VCE
=10V,IE=−5mA,f=100MHZ
VEB
=4V
IC
=1mA
∗
∗Transition frequency of the device
!Packaging specifications
TL
T2L
UMT3
EMT3
EMT3H
SMT3
SST3
DTC124TE
DTC124TH
Part No.
DTC124TUA
3000
T106
3000
T146
3000
TP
5000
DTC124TKA
DTC124TSA
Package
Packaging type
Code
Basic ordering unit (pieces)
Taping
Taping
Taping
Taping
Taping
8000
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com