Electronic Components Datasheet Search
  English  ▼

X  

DTC143XM Datasheet(PDF) 2 Page - Rohm

Part # DTC143XM
Description  Digital transistors (built-in resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC143XM Datasheet(HTML) 2 Page - Rohm

  DTC143XM Datasheet HTML 1Page - Rohm DTC143XM Datasheet HTML 2Page - Rohm DTC143XM Datasheet HTML 3Page - Rohm DTC143XM Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DTC143XM / DTC143XE / DTC143XUA
Transistors
DTC143XKA / DTC143XSA
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Limits(DTC143X
)
Parameter
Symbol
VCC
150
200
300
50
−7~+20
100
100
150
−55~+150
E
M
UAKASA
V
V
mA
mW
°C
°C
VIN
IO
IC(Max.)
Pd
Tj
Tstg
Unit
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
!
!
!
!
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−
2.5
−
−
−
3.29
30
1.7
−
−
−
0.1
−
−
4.7
−
2.1
250
0.3
−
0.3
1.8
0.5
6.11
−
2.6
−
V
VCC
=5V, IO=100µA
VO
=0.3V, IO=20mA
IO/II
=10mA/0.5mA
VI
=5V
VCC
=50V, VI=0V
VO
=5V, IO=10mA
VCE
=10V, IE=−5mA, f=100MHz
∗
V
mA
µA
k
Ω
−
−−
−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Transition frequency of the device
!
!
!
!
Packaging specifications
TL
UMT3
EMT3
SMT3
SPT
DTC143XE
DTC143XM
Type
DTC143XUA
3000
T2L
VMT3
8000
T106
3000
T146
3000
TP
5000
DTC143XKA
DTC143XSA
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
Package
Packaging type
Taping
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com