Electronic Components Datasheet Search
  English  ▼

X  

EMB3 Datasheet(PDF) 2 Page - Rohm

Part # EMB3
Description  General purpose (dual digital transistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMB3 Datasheet(HTML) 2 Page - Rohm

  EMB3 Datasheet HTML 1Page - Rohm EMB3 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EMB3 / UMB3N / IMB3A
Transistors
!
!
!
!
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE (sat)
R1
Min.
−50
−50
−5
−
−
100
−
3.29
−
−
−
−
−
250
−
4.7
−
−
−
−0.5
−0.5
600
−0.3
6.11
VIC=
−50µA
IC=
−1mA
IE=
−50µA
VCB=
−50V
VEB=
−4V
VCE=
−5V, IC=−1mA
−
IC/IB=
−5mA/−2.5mA
V
V
µA
µA
−
V
k
Ω
Typ.
Max.
Unit
Conditions
fT
−
250
−
VCE=10mA, IE=
−5mA, f=100MHz
∗
MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Transition frequency
Collector-emitter saturation voltage
Input resistance
∗ Transition frequency of the device
!
!
!
!
Electrical characteristic curves
VCE=
−5V
−100µ−1m
−10m
−200µ−2m
−20m
−500µ−5m
−50m −100m
1k
500
200
100
50
20
10
5
2
1
COLLECTOR CURRENT : IC
(A)
Fig.1 DC current gain vs. collector
current
−40°C
25
°C
Ta=100
°C
lC/lB=20
−500m
−200m
−100m
−50m
−20m
−10m
−5m
−2m
−1m
−1
−100µ−1m
−10m
−200µ−2m
−20m
−500µ−5m
−50m −100m
COLLECTOR CURRENT : IC
(A)
Fig.2 Collector-emitter saturation
voltage vs. collector current
Ta=100
°C
25
°C
−40°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com