Electronic Components Datasheet Search
  English  ▼

X  

0022286133 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0022286133
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 13 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 10.29mm (.405")
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022286133 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button 0022286133 Datasheet HTML 2Page - Molex Electronics Ltd. 0022286133 Datasheet HTML 3Page - Molex Electronics Ltd. 0022286133 Datasheet HTML 4Page - Molex Electronics Ltd. 0022286133 Datasheet HTML 5Page - Molex Electronics Ltd. 0022286133 Datasheet HTML 6Page - Molex Electronics Ltd. 0022286133 Datasheet HTML 7Page - Molex Electronics Ltd. 0022286133 Datasheet HTML 8Page - Molex Electronics Ltd. 0022286133 Datasheet HTML 9Page - Molex Electronics Ltd. 0022286133 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV:
ECR / ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1603
K13
DATE:
4/23/2009
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42376-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42376-0142 / 0176
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-CXB208
PIN LENGTH: L
.750/19.05
MATING LENGTH: M
.405/10.29
GOLD POINT: G
.180/4.57
PIN HEIGHT: Y
.248/6.30
PC TAIL LENGTH: P
.120/3.05
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0043
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-6023
42376-0142
20
22-28-6203
42376-0160
03
22-28-6033
42376-0143
21
22-28-6213
42376-0161
04
22-28-6043
42376-0144
22
22-28-6223
42376-0162
05
22-28-6053
42376-0145
23
22-28-6233
42376-0163
06
22-28-6063
42376-0146
24
22-28-6243
42376-0164
07
22-28-6073
42376-0147
25
22-28-6253
42376-0165
08
22-28-6083
42376-0148
26
22-28-6263
42376-0166
09
22-28-6093
42376-0149
27
22-28-6273
42376-0167
10
22-28-6103
42376-0150
28
22-28-6283
42376-0168
11
22-28-6113
42376-0151
29
22-28-6293
42376-0169
12
22-28-6123
42376-0152
30
22-28-6303
42376-0170
13
22-28-6133
42376-0153
31
22-28-6313
42376-0171
14
22-28-6143
42376-0154
32
22-28-6323
42376-0172
15
22-28-6153
42376-0155
33
22-28-6333
42376-0173
16
22-28-6163
42376-0156
34
22-28-6343
42376-0174
17
22-28-6173
42376-0157
35
22-28-6353
42376-0175
18
22-28-6183
42376-0158
36
22-28-6363
42376-0176
19
22-28-6193
42376-0159
A-42376-0177 / 0211
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-CXB228
PIN LENGTH: L
.750/19.05
MATING LENGTH: M
.405/10.29
GOLD POINT: G
.180/4.57
PIN HEIGHT: Y
.248/6.30
PC TAIL LENGTH: P
.120/3.05
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0043
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-6025
42376-0177
20
22-28-6205
42376-0195
03
22-28-6035
42376-0178
21
22-28-6215
42376-0196
04
22-28-6045
42376-0179
22
22-28-6225
42376-0197
05
22-28-6055
42376-0180
23
22-28-6235
42376-0198
06
22-28-6065
42376-0181
24
22-28-6245
42376-0199
07
22-28-6075
42376-0182
25
22-28-6255
42376-0200
08
22-28-6085
42376-0183
26
22-28-6265
42376-0201
09
22-28-6095
42376-0184
27
22-28-6275
42376-0202
10
22-28-6105
42376-0185
28
22-28-6285
42376-0203
11
22-28-6115
42376-0186
29
22-28-6295
42376-0204
12
22-28-6125
42376-0187
30
22-28-6305
42376-0205
13
22-28-6135
42376-0188
31
22-28-6315
42376-0206
14
22-28-6145
42376-0189
32
22-28-6325
42376-0207
15
22-28-6155
42376-0190
33
22-28-6335
42376-0208
16
22-28-6165
42376-0191
34
22-28-6345
42376-0209
17
22-28-6175
42376-0192
35
22-28-6355
42376-0210
18
22-28-6185
42376-0193
36
22-28-6365
42376-0211
19
22-28-6195
42376-0194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com