Electronic Components Datasheet Search
  English  ▼

X  

FMS4 Datasheet(PDF) 1 Page - Rohm

Part # FMS4
Description  General purpose (dual transistors)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMS4 Datasheet(HTML) 1 Page - Rohm

  FMS4 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FMS3 / FMS4 / IMT4
Transistors
General purpose (dual transistors)
FMS3 / FMS4 / IMT4
!Features
1) Two 2SA1514K chips in an AMT package.
2) High breakdown voltage.
!
!
!
!Absolute maximum ratings
(Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Pc
Tj
Tstg
Limits
−120
−120
−5
−50
300 (TOTAL)
150
−55∼+150
Unit
V
V
V
mA
mW
∗
˚C
˚C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Storage temperature
∗200mW per element must not be exceeded.
!
!
!
!Package, marking, and Packaging specifications
FMS3
SMT5
S3
T148
3000
FMS4
SMT5
S4
T148
3000
IMT4
SMT6
T4
T108
3000
Part No.
Package
Marking
Code
Basic ordering unit (pieces)
!
!
!
!Circuit diagram
FMS3
FMS4
IMT4
!
!
!
!External dimensions
(Units : mm)
ROHM : SMT5
EIAJ : SC-74A
IMT4
FMS4
FMS3
Each lead has same dimensions
0.3to0.6
1.6
2.8
ROHM : SMT5
EIAJ : SC-74A
Each lead has same dimensions
0.3to0.6
1.6
2.8
ROHM : SMT6
EIAJ : SC-74
Each lead has same dimensions
0.3to0.6
2.8
1.6
!
!
!
!Electrical characteristics
(Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
−120
−120
−5
−
−
−
−
−
−
−
−
−
−
−
−
−0.5
−0.5
−0.5
V
V
V
µA
µA
V
IC=
−50µA
IC
=
−1mA
IE
=
−50µA
VCB
=
−100V
VEB
=
−4V
IC/IB
=
−10mA/−1mA
hFE
180
−
820
−
VCE
=
−6V, IC−2mA
Transition frequency
fT
−
140
−
MHz
∗
VCE
=
−12V, IE=2mA, f=100MHz
∗Transition frequency of the device.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage


Similar Part No. - FMS4

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMS4 KEXIN-FMS4 Datasheet
374Kb / 1P
PNP Transistors
logo
First Components Intern...
FMS4414 FCI-FMS4414 Datasheet
1Mb / 2P
8.5A N Channel Enhancement-Mode MOSFET
logo
Guangdong Kexin Industr...
FMS4 KEXIN-FMS4_15 Datasheet
374Kb / 1P
PNP Transistors
More results

Similar Description - FMS4

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
General purpose transistors (dual transistors)
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
General purpose transistors (dual transistors)
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
General purpose transistors (dual transistors)
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
General purpose transistors (dual transistors)
logo
Rohm
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
General purpose transistors(dual transistors)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com