Electronic Components Datasheet Search
  English  ▼

X  

190020002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 190020002
Description  Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

190020002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  190020002 Datasheet HTML 1Page - Molex Electronics Ltd. 190020002 Datasheet HTML 2Page - Molex Electronics Ltd. 190020002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190020002
Status:
Active
Description:
Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
TUV
R72090224
UL
E79133
General
Product Family
Quick Disconnects
Series
19002
Crimp Quality Equipment
Yes
Product Name
Avikrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
3.17mm (.125") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
300V
Material Info
Old Part Number
AA-5261T
Reference - Drawing Numbers
Sales Drawing
SD-19002-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19002Series
Use With
19001-0001 , 19001-0002
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable Tool
Kit Used in ATP
Presses that Process
Product on Tape
0192880028
Mini-Mac™
Applicator
0638852000
This document was generated on 04/13/2010


Similar Part No. - 190020002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190020001 MOLEX3-190020001 Datasheet
149Kb / 2P
Avikrimp??Fully Insulated Quick Disconnect, Female for 18-22 AWG Wire, Box
190020001 MOLEX-190020001 Datasheet
61Kb / 4P
PremiumGrade Hand Crimp Tool for Avikrimp Female Full Insulated Quick Disconnect Terminals, for 22-18 AWG with Insulation Diameter no greater than 3.175mm MAX
Jun 13, 2025
190020004 MOLEX3-190020004 Datasheet
156Kb / 3P
Avikrimp??Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Metal Strip
190020005 MOLEX3-190020005 Datasheet
156Kb / 2P
Avikrimp Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Box
190020005 MOLEX-190020005 Datasheet
61Kb / 4P
PremiumGrade Hand Crimp Tool for Avikrimp Female Full Insulated Quick Disconnect Terminals, for 22-18 AWG with Insulation Diameter no greater than 3.175mm MAX
Jun 13, 2025
More results

Similar Description - 190020002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190020010 MOLEX3-0190020010 Datasheet
155Kb / 2P
Avikrimp??Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
0190020022 MOLEX3-0190020022 Datasheet
155Kb / 2P
Avikrimp??Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
0190020017 MOLEX3-0190020017 Datasheet
155Kb / 2P
Avikrimp??Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
0190020020 MOLEX3-0190020020 Datasheet
155Kb / 2P
Avikrimp??Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
0190020014 MOLEX3-0190020014 Datasheet
155Kb / 2P
Avikrimp Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
0190020038 MOLEX3-0190020038 Datasheet
150Kb / 3P
Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190020029 MOLEX3-0190020029 Datasheet
151Kb / 3P
Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190020035 MOLEX3-0190020035 Datasheet
149Kb / 2P
Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190020025 MOLEX3-0190020025 Datasheet
151Kb / 3P
Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190020007 MOLEX3-0190020007 Datasheet
156Kb / 3P
Avikrimp Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Mylar Tape
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com