Electronic Components Datasheet Search
  English  ▼

X  

RLS-73 Datasheet(PDF) 1 Page - Rohm

Part # RLS-73
Description  Switching diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RLS-73 Datasheet(HTML) 1 Page - Rohm

  RLS-73 Datasheet HTML 1Page - Rohm RLS-73 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RLS-73
Diodes
Switching diode
RLS-73
!Applications
High speed switching
!Features
1) Small surface mounting type. ( LLDS )
2) High speed. (trr=1.2ns Typ.)
3) High reliability.
!Construction
Silicon epitaxial planar
!
!
!
!External dimensions
(Units : mm)
−0.1
+0.2
φ1.5Max.
0.4
0.4
3.4
CATHODE BAND (YELLOW)
ROHM : LLDS
EIAJ :
−
JEDEC : LL-34
!
!
!
!Absolute maximum ratings
(Ta=25
°C)
Paramater
Symbol
Limits
Unit
Peak reverse voltage
VRM
90
V
DC reverse voltage
VR
80
V
Peak forward current
IFM
400
mA
Mean rectifying current
IO
130
mA
Surge current (1s)
Isurge
600
mA
Power dissipation
P
300
mW
Junction temperature
Tj
175
˚C
Storage temperature
Tstg
˚C
−65∼+175
!
!
!
!Electrical characteristics
(Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
−−
1.2
V
IF
=100mA
Reverse current
IR
−−
0.5
µA
VR
=80V
Capacitance between terminals
−
−
2
pF
VR
=0.5V, f=1MHz
Reverse recovery time
trr
−−
4ns
VR
=6V, IF=10mA, RL=50
Ω
CT


Similar Part No. - RLS-73

ManufacturerPart #DatasheetDescription
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
209Kb / 4P
Leadless High Speed Switching Diode
RLS-73 ROHM-RLS-73 Datasheet
209Kb / 4P
Leadless High Speed Switching Diode
RLS-73TE-11 ROHM-RLS-73TE-11 Datasheet
209Kb / 4P
Leadless High Speed Switching Diode
RLS-73 ROHM-RLS-73_1 Datasheet
209Kb / 4P
Leadless High Speed Switching Diode
More results

Similar Description - RLS-73

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com