Electronic Components Datasheet Search
  English  ▼

X  

VI-25DEV Datasheet(PDF) 1 Page - Vicor Corporation

Part # VI-25DEV
Description  DC-DC Converters 50 to 200 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-25DEV Datasheet(HTML) 1 Page - Vicor Corporation

  VI-25DEV Datasheet HTML 1Page - Vicor Corporation VI-25DEV Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12 1-800-735-6200
70
Product Grade/
Product Grade/
Operating Temp. Storage Temp.
E = -10°C to +85°C
E = -20°C to +100°C
C = -25°C to +85°C
C = -40°C to +100°C
I = -40°C to +85°C
I = -55°C to +100°C
M = -55°C to +85°C
M = -65°C to +100°C
Overtemperature shutdown 95°C typical
(recycle power to restart).
Converter Selection Chart
VI-2
Mechanical Drawing
Features
s Up to 50W/Cubic Inch
s UL, CSA, TÜV, VDE, BABT,
AUSTEL
s Up to 90% Efficiency
s Size: 4.6" x 2.4" x 0.5"
(116,8 x 61,0 x 12,7)
s Remote Sense and Current Limit
s OVP, Thermal Shutdown
s Logic Disable
s Wide Range Output Adjust
s Compatible Power Booster Modules
s ZCS Power Architecture
s Low Noise FM Control
s CE Marked
VI-200
DC-DC Converters
50 to 200 Watts
Product Highlights
The VI-200 Family, with over 8 million
shipped, is Vicor’s first generation of
“zero-current-switching” component-level
DC-DC converters.
Operating at frequencies up to 2 MHz,
VI-200 Family Converters offer
exceptional power density, efficiency,
noise performance, reliability and ease of
use. Power Boosters provide a simple, cost
effective, off-the-shelf solution for higher
power output requirements. One or more
boosters may be used to create synchronous
arrays capable of supplying several
kilowatts of output power.
The flexibility of Vicor’s power components
is also available in half-size, half-power
VI-J00 MiniMods. (pg. 72)
Packaging Options
SlimMods™, high power density,
flangeless packages and FinMods™,
featuring integral finned heatsinks.
SlimMod: Option suffix: - S
Example: VI - 2XX - XX
- S
FinMod: Option suffix: - F1 and - F2
Examples:
VI - 2XX - XX -
F1, 0.75" height
VI - 2XX - XX -
F2, 1.00" height
Max. Output For
5V Outputs
> 5V Outputs
< 5V Outputs
(1)
75W
75W
15A
(2)
150W
150W
30A
(3)
100W
100W
20A
* Brownout 75% of rated load; transient voltage for 1 second.
Max. Output For
5V Outputs
> 5V Outputs
< 5V Outputs
(4)
200W
200W
40A
(5)
150W
200W
40A
(6)
75W
100W
20A
Output Power/Current
VOUT
≥ 5V
VOUT < 5V
Y
=
50W
Y
=
10A
X
=
75W
X
=
15A
W
=
100W
W
=
20A
V
=
150W
V
=
30A
U
=
200W
U
=
40A
For additional output power use “Boosters”.
Change (VI-2xx-xx) to (VI-Bxx-xx).
Output Voltage
Z =
2V
2 =
15V
Y = 3.3V
N = 18.5V
0 =
5V
3 =
24V
X = 5.2V
L =
28V
W = 5.5V
J =
36V
V = 5.8V
K =
40V
T = 6.5V
4 =
48V
R = 7.5V
H =
52V
M =
10V
F =
72V
1 =
12V
D =
85V
P = 13.8V
B =
95V
Input Voltage
Nominal
Range
Brownout /Transient*
0
=
12V
10 -
20V
(1)
n/a
22V
1
=
24V
21 -
32V
(4)
18V
36V
W =
24V
18 -
36V
(2)
n/a
n/a
2
=
36V
21 -
56V
(3)
18V
60V
3
=
48V
42 -
60V
(4)
36V
72V
N =
48V
36 -
76V
(4)
n/a
n/a
4
=
72V
55 - 100V
(4)
45V
110V
T
=
110V
66 - 160V
(2)
n/a
n/a
5
=
150V
100 - 200V
(5)
85V
215V
6
=
300V
200 - 400V
(4)
170V
425V
7
= 150/300V
100 - 375V
(6)
90V
n/a
+.030 (0,76)
-.000 (0)
Product ID
this surface
FULL R
5
6
7
8
9
4
3
2
1
Pin #
1
2
3
4
5
6*
7*
8*
9
Function
+In
Gate In
Gate Out
-In
+Out
+Sense
Trim
-Sense
-Out
* Do not connect on
Booster modules
Aluminum Base
.01
.040 (1,0) Dia (7) places
Solder plate
over copper alloy
.080 (2,0) Dia (2) places
Solder plate
over copper alloy
.30
±.015
(7,6)
±(0,38)
1.80
(45,7)
(106,7)
(12,7)
(5,6) MIN
(3,0)
(116,8)
(61,0)
(44,5)
(7,6) Min
.15
(3,8)
2.10
(53,3)
.40
(10,2)
.35
±.015
(8,9)
±(0,38)
1.40
(35,6)
1.00
(25,4)
.70
(17,8)
(91,4)
.50
(12,7)
VI-200
4.60
3.60
.15
(3,8)
4.20
.12
.22
.50
.30
2.40
1.75
Rev 3
1 of 2
For the latest Vicor Product Information: www.vicorpower.com


Similar Part No. - VI-25DEV

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI-25D-CW POWERBOX-VI-25D-CW Datasheet
533Kb / 2P
50 - 200W PCB MOUNTING COMPONENETS
VI-25D-CX POWERBOX-VI-25D-CX Datasheet
533Kb / 2P
50 - 200W PCB MOUNTING COMPONENETS
VI-25D-EW POWERBOX-VI-25D-EW Datasheet
533Kb / 2P
50 - 200W PCB MOUNTING COMPONENETS
VI-25D-EX POWERBOX-VI-25D-EX Datasheet
533Kb / 2P
50 - 200W PCB MOUNTING COMPONENETS
VI-25D-IW POWERBOX-VI-25D-IW Datasheet
533Kb / 2P
50 - 200W PCB MOUNTING COMPONENETS
More results

Similar Description - VI-25DEV

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
DC-DC Converters 25 to 100 Watts
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
15 Watts DC/DC Converters
logo
Vicor Corporation
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
DC-DC Converters 50 to 200 Watts
logo
Wall Industries,Inc.
DCBOB5 WALL-DCBOB5 Datasheet
512Kb / 4P
Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
Up to 12 Watts DC/DC Power Converters
DMW WALL-DMW Datasheet
161Kb / 6P
15.3 Watts DC/DC Converters
logo
TDK Electronics
PH-A280 TDK-PH-A280 Datasheet
132Kb / 2P
50-150W, 200 to 425VDC Input DC-DC Converters
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
Up to 3 Watts, DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com