Electronic Components Datasheet Search
  English  ▼

X  

SIM-20ST Datasheet(PDF) 1 Page - Rohm

Part # SIM-20ST
Description  Infrared light emitting diode, side-view type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SIM-20ST Datasheet(HTML) 1 Page - Rohm

  SIM-20ST Datasheet HTML 1Page - Rohm SIM-20ST Datasheet HTML 2Page - Rohm SIM-20ST Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FExternal dimensions (Units: mm)
192
Sensors
Infrared light emitting diode, side-view
type
SIM-20ST
The SIM-20ST is a GaAs infrared light emitting diode with a side-facing detector. High output with
φ1.85 lens.
FApplications
Light source for sensors
FFeatures
1) Compact package (4.4
4.3 mm) with lens.
2) High efficiency, high output PO = 7 mW
(IF = 50 mA).
3) Emission spectrum well suited to silicon detectors
(
λP = 950 nm).
4) Good current-optical output linearity.
5) Long life, high reliability.
FAbsolute maximum ratings (Ta = 25_C)


Similar Part No. - SIM-20ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM-2.5-250D/N ETC2-SIM-2.5-250D/N Datasheet
232Kb / 8P
Crimping tools and machines
SIM-21-250 ETC1-SIM-21-250 Datasheet
254Kb / 7P
TERMINAL
SIM-21T-250 ETC1-SIM-21T-250 Datasheet
254Kb / 7P
TERMINAL
logo
Rohm
SIM-22ST ROHM-SIM-22ST Datasheet
56Kb / 3P
Infrared light emitting diode, side-view type
SIM-22ST ROHM-SIM-22ST Datasheet
142Kb / 3P
Infrared light emitting diode, side-view type
More results

Similar Description - SIM-20ST

ManufacturerPart #DatasheetDescription
logo
Rohm
SIM-22ST ROHM-SIM-22ST Datasheet
56Kb / 3P
Infrared light emitting diode, side-view type
SIR-320ST3F ROHM-SIR-320ST3F Datasheet
68Kb / 3P
Infrared light emitting diode, top view type
SIR-341ST3F ROHM-SIR-341ST3F Datasheet
63Kb / 3P
Infrared light emitting diode, top view type
SIR-505STA47 ROHM-SIR-505STA47 Datasheet
60Kb / 3P
Infrared light emitting diode, top view type
SIR-563ST3F ROHM-SIR-563ST3F Datasheet
53Kb / 3P
Infrared light emitting diode, top view type
SIR-56ST3F ROHM-SIR-56ST3F Datasheet
53Kb / 3P
Infrared light emitting diode, top view type
SIR-568ST3F ROHM-SIR-568ST3F_1 Datasheet
70Kb / 4P
Infrared light emitting diode, top view type
SIM-22ST ROHM-SIM-22ST_10 Datasheet
142Kb / 3P
Infrared light emitting diode, side-view type
SIR-341ST3F ROHM-SIR-341ST3F_10 Datasheet
140Kb / 3P
Infrared light emitting diode, top view type
SIR-505STA47 ROHM-SIR-505STA47_07 Datasheet
60Kb / 3P
Infrared light emitting diode, top view type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com