Electronic Components Datasheet Search
  English  ▼

X  

SIM-22ST Datasheet(PDF) 1 Page - Rohm

Part # SIM-22ST
Description  Infrared light emitting diode, side-view type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SIM-22ST Datasheet(HTML) 1 Page - Rohm

  SIM-22ST Datasheet HTML 1Page - Rohm SIM-22ST Datasheet HTML 2Page - Rohm SIM-22ST Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FExternal dimensions (Units: mm)
189
Sensors
Infrared light emitting diode, side-view
type
SIM-22ST
The SIM-22ST is a GaAs infrared light emitting diode housed in side emission. High output with
φ1.5 lens.
FApplications
Light source for sensors
FFeatures
1) Compact package (4.7
4.6 mm) with lens.
2) High efficiency, high output.
3) Emission spectrum well suited to silicon detectors
(
λP = 950 nm).
4) Good current-optical output linearity.
5) Long life, high reliability.
FAbsolute maximum ratings (Ta = 25_C)


Similar Part No. - SIM-22ST

ManufacturerPart #DatasheetDescription
logo
Rohm
SIM-22ST ROHM-SIM-22ST Datasheet
142Kb / 3P
Infrared light emitting diode, side-view type
SIM-22ST ROHM-SIM-22ST_10 Datasheet
142Kb / 3P
Infrared light emitting diode, side-view type
More results

Similar Description - SIM-22ST

ManufacturerPart #DatasheetDescription
logo
Rohm
SIM-20ST ROHM-SIM-20ST Datasheet
54Kb / 3P
Infrared light emitting diode, side-view type
SIR-320ST3F ROHM-SIR-320ST3F Datasheet
68Kb / 3P
Infrared light emitting diode, top view type
SIR-341ST3F ROHM-SIR-341ST3F Datasheet
63Kb / 3P
Infrared light emitting diode, top view type
SIR-505STA47 ROHM-SIR-505STA47 Datasheet
60Kb / 3P
Infrared light emitting diode, top view type
SIR-563ST3F ROHM-SIR-563ST3F Datasheet
53Kb / 3P
Infrared light emitting diode, top view type
SIR-56ST3F ROHM-SIR-56ST3F Datasheet
53Kb / 3P
Infrared light emitting diode, top view type
SIR-568ST3F ROHM-SIR-568ST3F_1 Datasheet
70Kb / 4P
Infrared light emitting diode, top view type
SIM-22ST ROHM-SIM-22ST_10 Datasheet
142Kb / 3P
Infrared light emitting diode, side-view type
SIR-341ST3F ROHM-SIR-341ST3F_10 Datasheet
140Kb / 3P
Infrared light emitting diode, top view type
SIR-505STA47 ROHM-SIR-505STA47_07 Datasheet
60Kb / 3P
Infrared light emitting diode, top view type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com